Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3201DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DBVT
Description  1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3201DBVT Datasheet(HTML) 5 Page - Texas Instruments

  THS3201DBVT Datasheet HTML 1Page - Texas Instruments THS3201DBVT Datasheet HTML 2Page - Texas Instruments THS3201DBVT Datasheet HTML 3Page - Texas Instruments THS3201DBVT Datasheet HTML 4Page - Texas Instruments THS3201DBVT Datasheet HTML 5Page - Texas Instruments THS3201DBVT Datasheet HTML 6Page - Texas Instruments THS3201DBVT Datasheet HTML 7Page - Texas Instruments THS3201DBVT Datasheet HTML 8Page - Texas Instruments THS3201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
THS3201
SLOS416A − JUNE 2003 − REVISED JANUARY 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS
VS = ±5 V: Rf = 715 Ω, RL = 100 Ω, and G = +2 unless otherwise noted
THS3201
PARAMETER
TEST CONDITIONS
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
25
°C
25
°C
0
°C to
70
°C
−40
°C
to 85
°C
UNITS
MIN/TYP/
MAX
AC PERFORMANCE
G = +1, RF= 1.2 kΩ
1.3
GHz
Small-signal bandwidth, −3dB
G = +2, RF = 715 Ω
725
Typ
Small-signal bandwidth, −3dB
(VO = 200 mVPP)
G = +5, RF = 576 Ω
540
MHz
Typ
(VO = 200 mVPP)
G = +10, RF = 464 Ω
480
MHz
Bandwidth for 0.1 dB flatness
G = +2, VO = 200 mVpp,
RF= 715 Ω
170
MHz
Typ
Large-signal bandwidth
G = +2, VO = 2 Vpp, RF= 715 Ω
900
MHz
Typ
Slew rate (25% to 75% level)
G = +1, VO = 5-V step
5200
V/
µs
Typ
Slew rate (25% to 75% level)
G = +2, VO = 5-V step
5200
V/
µs
Typ
Rise and fall time
G = +2, VO = 4-V step,
RF= 715 Ω
0.7
ns
Typ
Settling time to 0.1%
G = −2, VO = 2-V step
20
ns
Typ
0.01%
G = −2, VO = 2-V step
60
ns
Typ
Harmonic distortion
G = +5, f = 10 MHz, VO = 2 Vpp
2nd harmonic
RL = 100 Ω
−68
dBc
Typ
2nd harmonic
RL = 500 Ω
−70
dBc
Typ
3rd harmonic
RL = 100 Ω
−72
dBc
Typ
3rd harmonic
RL = 500 kΩ
−74
dBc
Typ
Third-order intermodulation
distortion (IMD3)
G = +10, fc = 100 MHz,
∆f = 200 kHz,
−65
dBc
Typ
Third-order output intercept
point (OIP3)
c
∆f = 200 kHz,
VO(envelope) = 2 Vpp
33.5
dBm
Typ
Noise figure
G = +10, fc = 100 MHz,
RF = 255 Ω, RG = 28
11
dB
Typ
Input voltage noise
f > 10 MHz
1.65
nV/
√Hz
Typ
Input current noise (noninverting)
f > 10 MHz
13.4
pA/
√Hz
Typ
Input current noise (inverting)
f > 10 MHz
20
pA/
√Hz
Typ
Differential gain
NTSC
0.006%
Typ
Differential gain
G = +2, RL = 150 Ω,
PAL
0.004%
Typ
Differential phase
G = +2, RL = 150 Ω,
RF= 768 Ω
NTSC
0.03
°
Typ
Differential phase
RF= 768
PAL
0.04
°
Typ
DC PERFORMANCE
Open-loop transimpedance gain
VO = +1 V, RL = 1 kΩ
300
200
140
120
k
Min
Input offset voltage
VCM =0 V
±0.7
±3
±3.8
±4
mV
Max
Average offset voltage drift
VCM = 0 V
±10
±13
µV/°C
Typ
Input bias current (inverting)
VCM = 0 V
±13
±60
±80
±85
µA
Max
Average bias current drift (−)
VCM = 0 V
±300
±400
nA/
°C
Typ
Input bias current (noninverting)
VCM = 0 V
±14
±35
±45
±50
µA
Max
Average bias current drift (+)
VCM = 0 V
±300
±400
nA/
°C
Typ


Similar Part No. - THS3201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DBVT TI1-THS3201DBVT Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201DBVTG4 TI1-THS3201DBVTG4 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com