Electronic Components Datasheet Search |
|
HDSP-F511-JK400 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HDSP-F511-JK400 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 14 page 2 Part Numbering System Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information. 5082 -X X X X-X X X X X HDSP-X X X X-X X X X X Mechanical Options[1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color[1] 1: Common Anode 3: Common Cathode Device Specific Configuration[1] Refer to Respective Datasheet Package[1] A: 7.6 mm (0.3 inch) Single Digit Seven Segment Display F: 10 mm (0.4 inch) Single Digit Seven Segment Display G: 10 mm (0.4 inch) Dual Digit Seven Segment Display H: 14.2 mm (0.56 inch) Single Digit Seven Segment Display K: 14.2 mm (0.56 inch) Dual Digit Seven Segment Display |
Similar Part No. - HDSP-F511-JK400 |
|
Similar Description - HDSP-F511-JK400 |