Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3824-30QDBVRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS3824-30QDBVRQ1
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3824-30QDBVRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS3824-30QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3824-30QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPS3820-xx-Q1, TPS3823-xx-Q1, TPS3824-xx-Q1, TPS3825-xx-Q1, TPS3828-xx-Q1
PROCESSOR SUPERVISORY CIRCUITS
SGLS143A – DECEMBER 2002 – REVISED JANUARY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
During power-on, RESET is asserted when supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supply voltage supervisor monitors VDD and keeps RESET active as long as VDD remains below the threshold
voltage VIT–. An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time, td, starts after VDD has risen above the threshold voltage VIT–. When the supply voltage
drops below the threshold voltage VIT–, the output becomes active (low) again. No external components are
required. All the devices of this family have a fixed-sense threshold voltage VIT– set by an internal voltage
divider.
The TPS3820/3/5/8 devices incorporate a manual reset input, MR. A low level at MR causes RESET to become
active. The TPS3824/5 devices include a high-level output RESET. TPS3820/3/4/8 have a watchdog timer that
is periodically triggered by a positive or negative transition at WDI. When the supervising system fails to retrigger
the watchdog circuit within the time-out interval, ttout, RESET becomes active for the time period td. This event
also reinitializes the watchdog timer. Leaving WDI unconnected disables the watchdog.
In applications where the input to the WDI pin may be active (transitioning high and low) when the
TPS3820/3/4/8 is asserting RESET, the TPS3820/3/4/8 does not return to a non-reset state when the input
voltage is above Vt. If the application requires that input to WDI is active when RESET is asserted, WDI must
be decoupled from the active signal. This can be accomplished by using an N-channel FET in series with the
WDI pin, with the gate of the FET connected to the RESET output as shown in Figure 1.
WDI
RESET
TPS3824
WDI External
Figure 1
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available
in a 5-pin SOT23-5 package. The TPS382x-xxQ-Q1 devices are characterized for operation over a temperature
range of –40
°C to 125°C, and are qualified in accordance with AEC-Q100 stress test qualification for integrated
circuits.


Similar Part No. - TPS3824-30QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-30QDBVRQ1 TI1-TPS3824-30QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3824-30QDBVRQ1 TI1-TPS3824-30QDBVRQ1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-30QDBVRQ1 TI1-TPS3824-30QDBVRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3824-30QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com