Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10198 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC10198
Description  Monostable Multivibrator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10198 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC10198 Datasheet HTML 2Page - ON Semiconductor MC10198 Datasheet HTML 3Page - ON Semiconductor MC10198 Datasheet HTML 4Page - ON Semiconductor MC10198 Datasheet HTML 5Page - ON Semiconductor MC10198 Datasheet HTML 6Page - ON Semiconductor MC10198 Datasheet HTML 7Page - ON Semiconductor MC10198 Datasheet HTML 8Page - ON Semiconductor MC10198 Datasheet HTML 9Page - ON Semiconductor MC10198 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC10198
MOTOROLA
MECL Data
DL122 — Rev 6
3–178
3.HI–SPEED INPUT — This input is used for stretching
very narrow pulses with minimum delay between the
output pulse and the trigger pulse. The trigger input
should be disabled when using the high–speed input.
The MC10198 triggers on the rising edge, using this in-
put, and input pulse width should narrow, typically less
than 10 nanoseconds.
USAGE RULES:
1.Capacitor lead lengths should be kept very short to mini-
mize ringing due to fast recovery rise times.
2.The E inputs should not be tied to ground to establish a
high logic level. A resistor divider or diode can be used
to establish a –0.7 to –0.9 voltage level.
3.For optimum temperature stability; 0.5 mA is the best tim-
ing current IT. The device is designed to have a constant
voltage at the EXTERNAL PULSE WIDTH CONTROL
over temperature at this current value.
4.Pulse Width modulation can be attained with the EXTER-
NAL PULSE WIDTH CONTROL. The timing current can
be altered to vary the pulse width. Two schemes are:
a. The internal resistor is not used. A dependent cur-
rent source is used to set the timing current as
shown in Figure 4. A graph of pulse width versus
timing current (CExt = 13 pF) is shown in Figure 5.
b. A control voltage can also be used to vary the
pulse width using an additional resistor (Figure 6).
The current (IT + IC) is set by the voltage drop
across RInt + RExt. The control current IC modifies
IT and alters the pulse width. Current IC should
never force IT to zero. RC typically 1 kΩ.
FIGURE 5 — PULSE WIDTH versus IT @ CExt = 13 pF
0.01 mA
0.1 mA
1 mA
10 mA
1000
100
10
MC10198
FIGURE 4 —
CExt
7
4
I
FIGURE 6 —
–5.2 V
Control
Voltage
284
RExt
CExt
6
4
7
IT + IC
IT
IC
–3.6
V
RC
IT – TIMING CURRENT


Similar Part No. - MC10198

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10198FN ONSEMI-MC10198FN Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198L ONSEMI-MC10198L Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
More results

Similar Description - MC10198

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH123FU TOSHIBA-TC7WH123FU Datasheet
382Kb / 10P
   MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC10198P ONSEMI-MC10198P Datasheet
143Kb / 12P
   Monostable Multivibrator
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC7WH123FK TOSHIBA-TC7WH123FK Datasheet
426Kb / 11P
   MONOSTABLE MULTIVIBRATOR
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com