Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC29M33AHB Datasheet(PDF) 10 Page - NEC

Part # PC29M33AHB
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC29M33AHB Datasheet(HTML) 10 Page - NEC

Back Button PC29M33AHB Datasheet HTML 6Page - NEC PC29M33AHB Datasheet HTML 7Page - NEC PC29M33AHB Datasheet HTML 8Page - NEC PC29M33AHB Datasheet HTML 9Page - NEC PC29M33AHB Datasheet HTML 10Page - NEC PC29M33AHB Datasheet HTML 11Page - NEC PC29M33AHB Datasheet HTML 12Page - NEC PC29M33AHB Datasheet HTML 13Page - NEC PC29M33AHB Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Data Sheet G15368EJ1V0DS
10
µµµµPC29M33A,µµµµPC29M05A
PACKAGE DRAWINGS
µµµµPC29M33AHF, µµµµPC29M05AHF
D
17.0
±0.3
3PIN PLASTIC SIP (MP-45G)
NOTE
Each lead centerline is located within 0.25 mm of
its true position (T.P.) at maximum material condition.
ITEM
MILLIMETERS
P3HF-254B-4
G0.25
H
2.54 (T.P.)
A
10.0
±0.2
I5.0
±0.3
U2.4
±0.5
V
Y8.9
±0.7
Z1.30
±0.2
J
K
L8.5
±0.2
B7.0
±0.2
C1.50
±0.2
E
F0.75
±0.10
M8.5
±0.2
N
P2.8
±0.2
3.3
±0.2
φ
2.46
±0.2
5.0
±0.2
4.5
±0.2
0.65
±0.10
13
2
M
A
B
E
I
D
L
M
K
Y
J
H
C
FG
Z
N
P
U
V


Similar Part No. - PC29M33AHB

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC29.07.0100A TAOGLAS-PC29.07.0100A Datasheet
892Kb / 13P
   Tested in Freespace
PC29.07.0100A TAOGLAS-PC29.07.0100A Datasheet
1Mb / 11P
   TheStripe??Penta-Band
PC29.07.0100A TAOGLAS-PC29.07.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-Band
PC29.09.0100A TAOGLAS-PC29.09.0100A Datasheet
1Mb / 13P
   Tested in Free space
PC29.09.0100A TAOGLAS-PC29.09.0100A Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
More results

Similar Description - PC29M33AHB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com