Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM18PC104R1C3 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NFM18PC104R1C3
Description  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM18PC104R1C3 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NFM18PC104R1C3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM18PC104R1C3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
!Impedance Map
1000
100
10
For Standard
BLMppA/T
For High Speed
Signal
BLMppB
For Digital
Interface
BLMppR
For Large Current
BLMppP
( )=Rated Current
GHz Range Noise
Suppression Type
BLM18H/E/G
10
0603 1005 1608 2012 1005 1608 2012 1608 2012
1608
2012
3216
4516
1608
0201
mm
EIA Code
0402 0603 0805 0402 0603 0805 0603 0805
0603
0805
1206
1806
0603
70
120
240
10
70
120
220
600
1000
120
150
220
330
600
470
1000
120
150
220
330
600
1000
2500
2200
1800
1800
1500
1000
600
470
420
330
220
150
140
120
75
60
47
22
10
5
2700
2250
2200
1800
1800
1500
1000
750
600
470
420
330
220
200
150
120
75
60
5
600
470
220
120
1000
600
470
220
120
1000
180 (1.5A)
120 (2A)
60 (0.5A)
33 (3A)
30 (1A)
10 (1A)
220 (2A)
330 (1.5A)
60 (3A)
22 (6A)
30 (3A)
600 (1.5A)
1000 (1.5A)
1000
600
470
390
330
220
120
100
GHz Range Noise
Suppression Type
BLM15H/E
1005
0402
1000
600
220
120
470 (2A)
180 (3A)
80 (1A)
75 (3A)
60 (6A)
390 (2A)
120 (3A)
50 (3A)
33 (6A)
600
470
220
75
120
47
22
10
5
470
400
1000
1005
0402
15
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Similar Part No. - NFM18PC104R1C3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM18PC104R1C3 MURATA-NFM18PC104R1C3 Datasheet
1Mb / 48P
   SMD/BLOCK Type EMI Suppression Filters
NFM18PC104R1C3 MURATA-NFM18PC104R1C3 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
NFM18PC104R1C3 MURATA-NFM18PC104R1C3 Datasheet
104Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC104R1C3 MURATA-NFM18PC104R1C3 Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
NFM18PC104R1C3 MURATA-NFM18PC104R1C3 Datasheet
99Kb / 2P
   EMIFILr (Capacitor type) Single Circuit Type for Large Current
More results

Similar Description - NFM18PC104R1C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com