Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2933AT-E1 Datasheet(PDF) 11 Page - NEC

Part # UPC2933AT-E1
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2933AT-E1 Datasheet(HTML) 11 Page - NEC

Back Button UPC2933AT-E1 Datasheet HTML 7Page - NEC UPC2933AT-E1 Datasheet HTML 8Page - NEC UPC2933AT-E1 Datasheet HTML 9Page - NEC UPC2933AT-E1 Datasheet HTML 10Page - NEC UPC2933AT-E1 Datasheet HTML 11Page - NEC UPC2933AT-E1 Datasheet HTML 12Page - NEC UPC2933AT-E1 Datasheet HTML 13Page - NEC UPC2933AT-E1 Datasheet HTML 14Page - NEC UPC2933AT-E1 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet G15374EJ2V0DS
11
µµµµPC2933A, 2905A
µµµµPC2933AHB, 2905AHB
MP-3 (SC-64) (Unit: mm)
12
3
4
2.3
2.3
1.1
±0.1
0.5
5.0
±0.2
6.5 0.2
+
0.2
0.1
2.3
±0.2
0.5
±0.1
0.5
+
0.2
0.1
±
µµµµPC2933AT, 2905AT
MP-3Z (SC-63) (Unit: mm )
2.3
2.3
0.8
0.9 MAX.
0.8 MAX.
1.1±0.2
12
3
4
6.5±0.2
2.3±0.2
5.0±0.2
0.5±0.1


Similar Part No. - UPC2933AT-E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2933AT RENESAS-UPC2933AT Datasheet
353Kb / 14P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Mar 16, 2011
More results

Similar Description - UPC2933AT-E1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com