Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3533HF Datasheet(PDF) 4 Page - NEC

Part # UPC3533HF
Description  THREE-THERMAL POSITIVE OUTPUT VOLTAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3533HF Datasheet(HTML) 4 Page - NEC

  UPC3533HF Datasheet HTML 1Page - NEC UPC3533HF Datasheet HTML 2Page - NEC UPC3533HF Datasheet HTML 3Page - NEC UPC3533HF Datasheet HTML 4Page - NEC UPC3533HF Datasheet HTML 5Page - NEC UPC3533HF Datasheet HTML 6Page - NEC UPC3533HF Datasheet HTML 7Page - NEC UPC3533HF Datasheet HTML 8Page - NEC UPC3533HF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet G15965EJ2V0DS
4
µµµµPC3533, 3504
ELECTRICAL CHARACTERISTICS
µµµµPC3533 (TJ = 25°°°°C, VIN = 5.8 V, IO = 0.5 A, CIN = 0.33 µµµµF, COUT = 0.1 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO1
3.168
3.3
3.432
V
VO2
5.8 V
≤ VIN ≤ 20 V, 5 mA ≤ IO ≤ 1 A
3.135
3.465
V
Line Regulation
REGIN1
5.8 V
≤ VIN ≤ 20 V
20
50
mV
REGIN2
5.8 V
≤ VIN ≤ 9 V
10
30
mV
Load Regulation
REGL1
5 mA
≤ IO ≤ 1 A
20
50
mV
REGL2
250 mA
≤ IO ≤ 750 mA
10
20
mV
Quiescent Current
IBIAS
2.8
6
mA
Quiescent Current Change
∆IBIAS1
5.8 V
≤ VIN ≤ 20 V
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
55
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 5.8 V
≤ VIN ≤ 9 V
57
dB
Dropout Voltage
VDIF
IO = 1 A
2.0
2.5
V
Short Circuit Current
IOshort1
VIN = 5.8 V
1.8
A
Peak Output Current
IOpeak
VIN = 10 V
1.0
2.1
2.8
A
Temperature Coefficient of
∆VO/ ∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.4
mV/
°C
Output Voltage
µµµµPC3504 (TJ = 25°°°°C, VIN = 6.5 V, IO = 0.5 A, CIN = 0.33 µµµµF, COUT = 0.1 µµµµF, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO1
3.84
4.0
4.16
V
VO2
6.5 V
≤ VIN ≤ 20 V, 5 mA ≤ IO ≤ 1 A
3.80
4.20
V
Line Regulation
REGIN1
6.5 V
≤ VIN ≤ 20 V
20
50
mV
REGIN2
6.5 V
≤ VIN ≤ 10 V
10
30
mV
Load Regulation
REGL1
5 mA
≤ IO ≤ 1 A
20
50
mV
REGL2
250 mA
≤ IO ≤ 750 mA
10
20
mV
Quiescent Current
IBIAS
2.8
6
mA
Quiescent Current Change
∆IBIAS1
6.5 V
≤ VIN ≤ 20 V
1.0
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
55
µ Vr.m.s.
Ripple Rejection
R•R
f = 120 Hz, 6.5 V
≤ VIN ≤ 10 V
60
dB
Dropout Voltage
VDIF
IO = 1 A
2.0
2.5
V
Short Circuit Current
IOshort1
VIN = 6.5 V
1.8
A
Peak Output Current
IOpeak
VIN = 10 V
1.1
2.1
2.8
A
Temperature Coefficient of
∆VO/ ∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
− 0.4
mV/
°C
Output Voltage


Similar Part No. - UPC3533HF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3533HF RENESAS-UPC3533HF Datasheet
204Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC3533HF

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Cystech Electonics Corp...
PL317F3 CYSTEKEC-PL317F3 Datasheet
191Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com