Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3018HB Datasheet(PDF) 3 Page - NEC

Part # UPC3018HB
Description  LOW-SATURATION STABILIZED POWER SUPPLY WITH ON/OFF FUNCTION (1 A OUTPUT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3018HB Datasheet(HTML) 3 Page - NEC

  UPC3018HB Datasheet HTML 1Page - NEC UPC3018HB Datasheet HTML 2Page - NEC UPC3018HB Datasheet HTML 3Page - NEC UPC3018HB Datasheet HTML 4Page - NEC UPC3018HB Datasheet HTML 5Page - NEC UPC3018HB Datasheet HTML 6Page - NEC UPC3018HB Datasheet HTML 7Page - NEC UPC3018HB Datasheet HTML 8Page - NEC UPC3018HB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet G15506EJ2V0DS
3
µµµµPC3018, 3025
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
–0.3 to +20
V
ON/OFF pin voltage
VON/OFF
–0.3 to VIN +0.3 V (however, VON/OFF
≤ 20)
Internal Power Dissipation (TC = 25
°C)
PT
10
Note
W
Operating Ambient Temperature
TA
–30 to +85
°C
Operating Junction Temperature
TJ
–30 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (junction to case)
Rth(J-C)
12.5
°C/W
Thermal Resistance (junction to ambient)
Rth(J-A)
125
°C/W
Note The total dissipation is limited by an internal circuit. Where TJ > 150°C, an internal protection circuit cuts off the
output.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the verge
of suffering physical damage, and therefore the product must be used under conditions that ensure that
the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
INPUT
CIN
PC3018, PC3025
OUTPUT
COUT
D1
D2
+
ON/OFF
CIN:
Must be 0.1
µF or more. Determine the capacitance in accordance with the line between the power supply
smoothing circuit and input pin.
Be sure to connect this capacitor to prevent abnormal oscillation. Use of a
capacitor with excellent voltage and temperature characteristics, such as a film capacitor, is recommended. Note
that some laminated ceramic capacitors have poor temperature and voltage characteristics. When using a
laminated ceramic capacitor, the capacitance of 0.1
µF or more must be reserved in the voltage and temperature
ranges used.
COUT: Must be 10
µF or more. Be sure to connect this capacitor to prevent oscillation and to improve transient load
stability.
Connect CIN and COUT as close to the IC pins as possible (within 1 to 2 cm). Also, when using the device at 0
°C or
less, use an electrolytic capacitor with low impedance characteristics.
D1:
Connect a diode if the voltage on the OUTPUT pin is higher than that on the INPUT pin.
D2:
Connect a Schottky barrier diode if the voltage on the OUTPUT pin is lower than that on the GND pin.
Caution
Ensure that voltage is not applied to the OUTPUT pin externally.
Supply VIN and VON/OFF from different power supplies.
Design so that VIN and VON/OFF either rise at the same time or VON/OFF rises after VIN.


Similar Part No. - UPC3018HB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC3018 RENESAS-UPC3018 Datasheet
247Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
UPC3018TJ RENESAS-UPC3018TJ Datasheet
247Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC3018HB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
   Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
Sparkle Power Inc.
SPI150FA SPI-SPI150FA Datasheet
53Kb / 1P
   150 Watts FLEX ATX Power Supply Remote ON/OFF function
logo
Mitsumi Electronics, Co...
MM1065 MITSUMI-MM1065 Datasheet
98Kb / 5P
   Ultra-Low Power Consumption Low-Saturation Three-Pin Regulators with On/Off Pin
logo
Sharp Corporation
PQ150VB01FZ SHARP-PQ150VB01FZ Datasheet
85Kb / 7P
   Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
L88MS33T SANYO-L88MS33T Datasheet
130Kb / 7P
   3.3 V, 0.5 A Low Dropout Voltage Regulator with On/Off Function
logo
Toshiba Semiconductor
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com