Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EWSCBBQXX Datasheet(PDF) 5 Page - Taiyo Yuden (U.S.A.), Inc

Part # EWSCBBQXX
Description  Buletooth Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EWSCBBQXX Datasheet(HTML) 5 Page - Taiyo Yuden (U.S.A.), Inc

  EWSCBBQXX Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc EWSCBBQXX Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Balun
I/O
Flash
Memory
VDD_PIO
USB(2)
SPI(4)
PIO(12)
AIO(2)
RESET
VDD_MEM
VDD_1.8V
GND(6)
Antenna
Xtal
Loop Filter
RF + BB
B.P.F
UART(4)
Nov./2003 Ver.2.0
• Antenna is provided on board
•The module is Max.4 dBm( Class2 )module
• Bluetooth® standard Ver. 1.2 conformity
• Internal baseband clock oscillator
• Low current consumption
• Support functions
ACL links, Piconet<7>, Hold, Sniff, Park, AFH, Faster connection
• Interface: UART
• HCI module
• Outline: 34.0 x 15.6 x 3.7 mm
Class 2 UART All In One(ANT+RF+BB)
TAIYO YUDEN
• PC & peripheral
EYMF2CAMM
Features
Outline
Applications
General Electrical Specification
Bluetooth® Module
mA
-
14
Receive DM1(VDD_MEM,VDD_PIO)
Average Current Consumption
Degree C
70
25
0
Operation temperature range
V
3.6
3.3
3.0
VDD_MEM = VDD_PIO
Operating Voltage(VDD_PIO)
V
1.9
1.8
1.75
Operating Voltage(VDD_1.8)
V
VDD +0.3
0.7VDD_PIO
RESET
Input High Voltage
V
0.8
-0.3
RESET
Input Low Voltage
V
-
VDD -0.4
PIO, AIO, SPI
Output High Voltage
V
0.4
-
UART_TX, UART_RTS
Output Low Voltage
-
35
Receive DM1(VDD_1.8)
V
-
VDD -0.4
UART_TX, UART_RTS
Output High Voltage
V
0.4
-
PIO, AIO, SPI
Output Low Voltage
V
VDD +0.3
0.7VDD_PIO
UART_RX, UART_CTS
Input High Voltage
V
VDD +0.3
0.7VDD_PIO
PIO, AIO, SPI
Input High Voltage
V
0.8
-0.3
UART_RX, UART_CTS
Input Low Voltage
V
0.8
-0.3
PIO, AIO, SPI
Input Low Voltage
-
5:1
-
No abnormal Oscillation
Load Impedance
dBm
-70
-83
-
RX Sensitivity
dBm
4
0
-6
Measured in 50 ohm
RF Output Power
V
3.6
3.3
3.0
VDD_MEM = VDD_PIO
Operating Voltage(VDD_MEM)
GHz
2.480
2.402
Carrier Frequency
Units
Max.
Typ.
Min.
Description
Parameter
34
Unit: mm
Note: The above PRELIMINARY data are not guaranteed and are subject to change without notice.
The Bluetooth® word mark and logos are owned by the Bluetooth SIG, Inc. and any use of such marks by TAIYO YUDEN CO., LTD. is under license.
Block Diagram


Similar Part No. - EWSCBBQXX

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
EWS100-12 LAMBDA-EWS100-12 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS100-15 LAMBDA-EWS100-15 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS100-18 LAMBDA-EWS100-18 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS100-24 LAMBDA-EWS100-24 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
EWS100-28 LAMBDA-EWS100-28 Datasheet
370Kb / 4P
   Single output 15W ~ 1500W
More results

Similar Description - EWSCBBQXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com