Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EYMF2CAXX Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # EYMF2CAXX
Description  Buletooth Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EYMF2CAXX Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button EYMF2CAXX Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc EYMF2CAXX Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RF+BB
I/O
Balun
B.P.F
X'tal
Flash ROM
USB<D+,D->(2)
DETACH
WAKE_UP
PIO(9)
Regulator
VDD<3.3V>
RF_IN/OUT
/RESET
Loop Filter
GND(3)
NC(2)
Nov./2003 Ver.2.0
•The module is a Max.4dBm( Class2 ) module.
•Bluetooth® standard Ver. 1.2 conformity.
•Internal baseband clock oscillator.
•Internal 1.8V regulator.
•Low current consumption.
•Support functions
ACL links, Piconet<7>, Hold, Sniff, Park, AFH, Faster connection
•USB Interface
•Protocol stack: Under HCI firmware.
• Outline: 26.0 x 23.0 x 3.0 mm.
Class 2 USB Connector Type Full Module
TAIYO YUDEN
•Notebook PC
•PDA
EYTF2CSTT
Features
Outline
Applications
Block Diagram
General Electrical Specification
Bluetooth® Module
max 3
26
23
Pin_1
Pin_20
V
-
High-Z
/RESET
Input High Voltage
V
0.6
0
/RESET
Input Low Voltage
V
-
2.31
WAKE_UP
Output High Voltage
V
0.3
-
D+, D-
Output Low Voltage
mA
-
52.5
Receive DM1
Average Current Consumption
V
-
2.8
D+, D-
Output High Voltage
V
0.4
-
WAKE_UP
Output Low Voltage
V
-
2.0
D+, D-
Input High Voltage
V
VDD +0.3
2.47
DETACH, PIO
Input High Voltage
V
0.8
-
D+,D-
Input Low Voltage
V
0.56
-0.3
DETACH, PIO
Input Low Voltage
-
5:1
-
No abnormal Oscillation
Load Impedance
dBm
-70
-83
-
RX Sensitivity
dBm
4
0
-6
Measured in 50 ohm
RF Output Power
V
3.45
3.3
3.15
Operating Voltage(VDD)
GHz
2.480
2.402
Carrier Frequency
Units
Max.
Typ.
Min.
Description
Parameter
Unit: mm
Note: The above PRELIMINARY data are not guaranteed and are subject to change without notice.
The Bluetooth® word mark and logos are owned by the Bluetooth SIG, Inc. and any use of such marks by TAIYO YUDEN CO., LTD. is under license.


Similar Description - EYMF2CAXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
   MODULE
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
   Module
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
   Module
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
   MODULE
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
   module
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
List of Unclassifed Man...
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
   Module
logo
Fuji Electric
6MBR10PD120 FUJI-6MBR10PD120 Datasheet
2Mb / 5P
   IGBT Module(Power Integrated Module)
7MBP10PE120 FUJI-7MBP10PE120 Datasheet
1Mb / 5P
   IGBT Module(Power Integrated Module)
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
   Thermocouple Input Module Analog Input Module RTD Input Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com