Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC29M33AT-T1 Datasheet(PDF) 1 Page - NEC

Part # PC29M33AT-T1
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC29M33AT-T1 Datasheet(HTML) 1 Page - NEC

  PC29M33AT-T1 Datasheet HTML 1Page - NEC PC29M33AT-T1 Datasheet HTML 2Page - NEC PC29M33AT-T1 Datasheet HTML 3Page - NEC PC29M33AT-T1 Datasheet HTML 4Page - NEC PC29M33AT-T1 Datasheet HTML 5Page - NEC PC29M33AT-T1 Datasheet HTML 6Page - NEC PC29M33AT-T1 Datasheet HTML 7Page - NEC PC29M33AT-T1 Datasheet HTML 8Page - NEC PC29M33AT-T1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
2001
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC29M33A,µµµµPC29M05A
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
DATA SHEET
Document No. G15368EJ1V0DS00 (1st edition)
Date Published May 2001 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPC29M33A, µPC29M05A of low dropout voltage three terminal positive regulators is constructed with PNP output
transistor. The
µPC29M33A, µPC29M05A feature the ability to source 0.5 A of output current with a low dropout voltage
of typically 0.5 V.
The power dissipation of the
µPC29M33A, µPC29M05A can be drastically reduced compared with the conventional
three terminal positive voltage regulators that is constructed with NPN output transistor. Also, this series corresponds to
the low voltage output (3 V, 3.3 V) which is not in the conventional low dropout regulators (
µPC24M00A series).
FEATURES
Output current in excess of 0.5 A
Low dropout voltage VDIF = 0.5 V TYP. (at IO = 0.5 A)
On-chip overcurrent and thermal protection circuit
•••• On-chip output transistor safe area protection circuit
PIN CONFIGURATION (Marking Side)
µ
µ
12
1: INPUT
2: GND
3: OUTPUT
3
12
1: INPUT
2: GND
3: OUTPUT
4: GND (Fin)
3
4
µPC29M33AHF, PC29M05AHF: MP-45G
µ
PC29M33A,
PC29M05AT: MP-3Z
µ
PC29M33AHB,
PC29M05AHB: MP-3
µ


Similar Part No. - PC29M33AT-T1

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC29.07.0100A TAOGLAS-PC29.07.0100A Datasheet
892Kb / 13P
   Tested in Freespace
PC29.07.0100A TAOGLAS-PC29.07.0100A Datasheet
1Mb / 11P
   TheStripe??Penta-Band
PC29.07.0100A TAOGLAS-PC29.07.0100A_17 Datasheet
1Mb / 11P
   TheStripe??Penta-Band
PC29.09.0100A TAOGLAS-PC29.09.0100A Datasheet
1Mb / 13P
   Tested in Free space
PC29.09.0100A TAOGLAS-PC29.09.0100A Datasheet
1Mb / 11P
   TheStripe??Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
More results

Similar Description - PC29M33AT-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com