Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD1106S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LD1106S
Description  High Performance N-Channel POWERJFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LD1106S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LD1106S Datasheet HTML 1Page - List of Unclassifed Manufacturers LD1106S Datasheet HTML 2Page - List of Unclassifed Manufacturers LD1106S Datasheet HTML 3Page - List of Unclassifed Manufacturers LD1106S Datasheet HTML 4Page - List of Unclassifed Manufacturers LD1106S Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Thermal Resistance
Symbol
Parameter
DPAK
Ratings
Units
R
ΘJA
Thermal Resistance Junction-to-Ambient
85
°C/W
R
ΘJC
Thermal Resistance Junction-to-Case
2.0
°C/W
Electrical Specifications
(TA = +25°C, unless otherwise noted.)
The
φ denotes a specification which apply over the full operating temperature range.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Static
BVDSX
Breakdown Voltage
Drain to Source
ID = 0.5 mA
VGS= -4 V
φ
15
V
BVGDO
Breakdown Voltage
Gate to Drain
IG = -50µA
φ
-18
V
BVGSO
Breakdown Voltage
Gate to Source
IG = -1 mA
φ
-12
-10
V
RDS(ON)
Static Drain to Source1 On
Resistance (Current flows
drain-to-source) See Fig. 1
IG = 40 mA, ID=10A
IG = 10 mA, ID=10A
IG = 5 mA, ID=10A
5.5
6
7
8
9
m
m
VGS(TH)
Gate Threshold Voltage
VDS=0.1 V, ID=250µA
-1200
-500
mV
Dynamic
QG
Total Gate Charge
∆VDrive =5V, ID=10A,VDS=15V
11
nC
QGD
Gate to Drain Charge
6.5
nC
QGS
Gate to Source Charge
1.0
nC
QSW
Switching Charge
7.5
nC
RG
Gate Resistance
1
TD(ON)
Turn-on Delay Time
φ
5
TR
Rise Time
φ
10
TD(OFF)
Turn-off Delay
2
TF
Fall Time
VDD=12V, ID=10A
VDrive = 5 V
Clamped Inductive Load
8
ns
CISS
Input Capacitance
1600
COSS
Output Capacitance
450
CGS
Gate-Source Capacitance
1100
CGD
Gate-Drain Capacitance
400
CDS
Drain-Source Capacitance
VDS=10V, VGS= -5 V, 1MHz.
110
pF
Schottky Diode
IR
Reverse Leakage
VR=15V
0.25
0.5
mA
VF
Forward Voltage
IF = 1 A
400
mV
VF
Forward Voltage
IF = 10 A
750
900
mV
VF
Forward Voltage
IF = 20 A
1100
mV
Qrr
Reverse Recovery Charge
Is = 20 A di/dt = 200A/us,
4
nC
Notes:
1. Pulse width <= 500µs, duty cycle < = 2%
Lovoltech, Inc. - 3970 Freedom Circle - Santa Clara, CA 95054 -USA
Tel. 1 408 654 1980 Fax 1 408 654 1988 www.lovoltech.com
LD1106S
Product Specification
2


Similar Part No. - LD1106S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
LD1107V-S162 ETC2-LD1107V-S162 Datasheet
62Kb / 1P
   Mechanical Insertion Force 45N max
LD110CJ ETC-LD110CJ Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
More results

Similar Description - LD1106S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LD1014D ETC1-LD1014D Datasheet
600Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1010DA ETC1-LU1010DA Datasheet
562Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010DA ETC1-LD1010DA Datasheet
605Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1014D ETC1-LU1014D Datasheet
601Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010D ETC-LD1010D Datasheet
662Kb / 5P
   High Performance N-Channel POWERJFET with PN Diodes
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
logo
Kersemi Electronic Co.,...
MBR20T100CT KERSEMI-MBR20T100CT Datasheet
2Mb / 6P
   high performance Schottky diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2700 AVAGO-HSMS-2700_15 Datasheet
150Kb / 9P
   High Performance Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com