Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTE-3271T Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTE-3271T
Description  GaAlAs T-1 3/4 Standard 5 Infrared Emitting Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-3271T Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTE-3271T Datasheet HTML 1Page - Lite-On Technology Corporation LTE-3271T Datasheet HTML 2Page - Lite-On Technology Corporation LTE-3271T Datasheet HTML 3Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10-15
Parameter
Test
Condition
*Aperture Radiant Incidence
Radiant Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Forward Voltage
Forward Voltage
Reverse Current
View Angle (See Fig. 6)
Ee
Ie
Peak
VF
VF
IR
2
1/2
0.80
0.90
6
6.77
1.4
1.6
10.5
12
940
50
1.25
1.65
50
40
1.6
2.1
100
mW/cm2
mW/sr
nm
nm
V
V
A
deg
IF=20mA
IF=20mA
IF=20mA
IF=20mA
IF=50mA
IF=250mA
Symbol
Min.
Typ.
Max.
Unit
Electrical Optical Characteristics at Ta=25
Note: *Ee is a measurement of the average radiant incidence upon a sensing area 1cm2 in perpendicular to and
centered on the mechanical axis of the lens and 26.8mm from lens.
Part No.
LTE-3271T
LTE-3271TL
LTE-3371T
LTE-3371TL
LTE-3271T
LTE-3271TL
LTE-3371T
LTE-3371TL
LTE-3271T
LTE-3271TL
LTE-3371T
LTE-3371TL
LTE-3271T
LTE-3271TL
LTE-3371T
LTE-3371TL
LTE-3271T
LTE-3271TL
LTE-3371T
LTE-3371TL
LTE-3271T
LTE-3271TL
LTE-3371T
LTE-3371TL
VR=5V
E3271t.p65
2000/7/11, ¤W¤È 11:55
Page 15
Adobe PageMaker 6.5C/Win


Similar Part No. - LTE-3271T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-3271T-A LITEON-LTE-3271T-A Datasheet
84Kb / 3P
   Property of Lite-On Only
LTE-3271T-A1 LITEON-LTE-3271T-A1 Datasheet
378Kb / 5P
   Property of Lite-On Only
More results

Similar Description - LTE-3271T

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-4206 LITEON-LTE-4206 Datasheet
103Kb / 2P
   GaAlAs T-1 Standard 3 Infrared Emitting Diode
logo
Unity Opto Technology
MIE-516L3U UOT-MIE-516L3U Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-546L3U UOT-MIE-546L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-554H4 UOT-MIE-554H4 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-514L3 UOT-MIE-514L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-524L3 UOT-MIE-524L3 Datasheet
31Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-534L3 UOT-MIE-534L3 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-824H2 UOT-MIE-824H2 Datasheet
32Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-526L3U UOT-MIE-526L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
MIE-536L3U UOT-MIE-536L3U Datasheet
33Kb / 2P
   GaAlAs T-1 3/4 PACKAGE INFRARED EMITTING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com