Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPO2220 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NPO2220
Description  ceramic chip capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NPO2220 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  NPO2220 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPO2220 Datasheet HTML 2Page - List of Unclassifed Manufacturers NPO2220 Datasheet HTML 3Page - List of Unclassifed Manufacturers NPO2220 Datasheet HTML 4Page - List of Unclassifed Manufacturers NPO2220 Datasheet HTML 5Page - List of Unclassifed Manufacturers NPO2220 Datasheet HTML 6Page - List of Unclassifed Manufacturers NPO2220 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
234
KOA Speer Electronics, Inc. • Bolivar Drive • P.O. Box 547 • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
2/19/04
NPO, X5R, X7R, Y5V, Z5U
ceramic chip capacitors
Capacitance values
pF
µF
Code
Size
0603*
0805
1206
1210
Z5U capacitance voltage availability
25
50
50
50
50
* IR and vapor phase solder only recommended
Capacitance tolerance: +80, -20%
2200
.0022
222PF
2700
.0027
272PF
3300
.0033
332PF
3900
.0039
392PF
4700
.0047
472PF
5600
.0056
562PF
6800
.0068
682PF
8200
.0082
822PF
10000
.010
103PF
12000
.012
123PF
15000
.015
153PF
18000
.018
183PF
22000
.022
223PF
27000
.027
273PF
33000
.033
333PF
39000
.039
393PF
47000
.047
473PF
56000
.056
563PF
68000
.068
683PF
82000
.082
823PF
100000
.100
104PF
120000
.120
124PF
150000
.150
154PF
180000
.180
184PF
220000
.220
224PF
270000
.270
274PF
330000
.330
334PF
390000
.390
394PF
470000
.470
474PF
560000
.560
564PF
680000
.680
684PF
820000
.820
824PF
1000000
1.0
105PF
1500000
1.5
155PF


Similar Part No. - NPO2220

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
NPO0402AT KOA-NPO0402AT Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
NPO0402ATTD101B KOA-NPO0402ATTD101B Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0402ATTD101C KOA-NPO0402ATTD101C Datasheet
161Kb / 6P
   ceramic chip capacitors
NPO0402ATTD101D KOA-NPO0402ATTD101D Datasheet
161Kb / 6P
   ceramic chip capacitors
More results

Similar Description - NPO2220

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com