Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD23C128080BLGY-XXX-MKH Datasheet(PDF) 5 Page - NEC

Part # UPD23C128080BLGY-XXX-MKH
Description  128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD23C128080BLGY-XXX-MKH Datasheet(HTML) 5 Page - NEC

  UPD23C128080BLGY-XXX-MKH Datasheet HTML 1Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 2Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 3Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 4Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 5Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 6Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 7Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 8Page - NEC UPD23C128080BLGY-XXX-MKH Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet M16048EJ2V0DS
5
µPD23C128040BL, 23C128080BL
44-pin PLASTIC SOP (15.24 mm (600))
[
µµµµPD23C128040BLGX-xxx ]
[
µµµµPD23C128080BLGX-xxx ]
Marking Side
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A21
A18
A17
A7
A6
A5
A4
A3
A2
A1
A0
/CE
GND
/OE or OE or DC
O0
O8
O1
O9
O2
O10
O3
O11
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A20
A19
A8
A9
A10
A11
A12
A13
A14
A15
A16
A22
GND
O15
O7
O14
O6
O13
O5
O12
O4
VCC
A0 to A22
: Address inputs
O0 to O15
: Data outputs
/CE
: Chip Enable
/OE or OE
: Output Enable
VCC
: Supply voltage
GND
: Ground
DC
: Don’t Care
Remarks 1. Refer to Package Drawings for the 1-pin index mark.
2. With 44-pin PLASTIC SOP package products, only WORD mode (8,388,608 words x 16 bits) can
be used. There is no mode select (WORD, /BYTE) pin.


Similar Part No. - UPD23C128080BLGY-XXX-MKH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD23C128080BLGY-XXX-MKH RENESAS-UPD23C128080BLGY-XXX-MKH Datasheet
651Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD23C128080BLGY-XXX-MKH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD23C128000BL NEC-UPD23C128000BL Datasheet
253Kb / 20P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64040JL NEC-UPD23C64040JL Datasheet
270Kb / 24P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64340 NEC-UPD23C64340 Datasheet
234Kb / 20P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16340 NEC-UPD23C16340 Datasheet
257Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C32340 NEC-UPD23C32340 Datasheet
288Kb / 20P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C32040AL NEC-UPD23C32040AL Datasheet
313Kb / 24P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C64300 NEC-UPD23C64300 Datasheet
221Kb / 16P
   64M-BIT MASK-PROGRAMMABLE ROM 8M-WORD BY 8-BIT (BYTE MODE) / 4M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com