Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD3768 Datasheet(PDF) 10 Page - NEC

Part # UPD3768
Description  7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD3768 Datasheet(HTML) 10 Page - NEC

Back Button UPD3768 Datasheet HTML 6Page - NEC UPD3768 Datasheet HTML 7Page - NEC UPD3768 Datasheet HTML 8Page - NEC UPD3768 Datasheet HTML 9Page - NEC UPD3768 Datasheet HTML 10Page - NEC UPD3768 Datasheet HTML 11Page - NEC UPD3768 Datasheet HTML 12Page - NEC UPD3768 Datasheet HTML 13Page - NEC UPD3768 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet S15418EJ2V0DS
10
µµµµ PD3768
TIMING CHART 4 (Line clamp mode, for each color)
φ
VOUT1 to VOUT6
CP
φ R
90%
10%
φ 2L
90%
10%
10%
RFTN
VOS
t6L
t7L
t8
t9
t10
t20
td
90%
90%
10%
10%
t6
t7
+
'L'
φ 10, φ 1A, φ 1B
φ 20, φ 2A, φ 2B
Symbol
Min.
Typ.
Max.
Unit
t6, t7
0
50
ns
t6L, t7L
0
5
ns
t8, t10
0
5
ns
t9
10
125
ns
t20
5
250
ns


Similar Part No. - UPD3768

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3768 RENESAS-UPD3768 Datasheet
329Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
UPD3768D-AZ RENESAS-UPD3768D-AZ Datasheet
329Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD3768

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S15418EJ3V0DS00 RENESAS-S15418EJ3V0DS00_15 Datasheet
324Kb / 26P
   7500 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8827B RENESAS-PD8827B_15 Datasheet
387Kb / 26P
   7500 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
   5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3799 NEC-UPD3799 Datasheet
114Kb / 20P
   5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com