Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE56611 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE56611
Description  Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56611 Datasheet(HTML) 7 Page - NXP Semiconductors

  NE56611 Datasheet HTML 1Page - NXP Semiconductors NE56611 Datasheet HTML 2Page - NXP Semiconductors NE56611 Datasheet HTML 3Page - NXP Semiconductors NE56611 Datasheet HTML 4Page - NXP Semiconductors NE56611 Datasheet HTML 5Page - NXP Semiconductors NE56611 Datasheet HTML 6Page - NXP Semiconductors NE56611 Datasheet HTML 7Page - NXP Semiconductors NE56611 Datasheet HTML 8Page - NXP Semiconductors NE56611 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
NE56610/11/12 Series
System Reset
February 23, 2001
7 of 9
document number here
TIMING DIAGRAM
The Timing Diagram shown in Figure 15 depicts the operation
of the device. Letters indicate events on the Time axis.
A: At start-up, event "A", the VCC and Reset voltages begin to
rise. Also the Reset voltage initially rises but then abruptly
returns to a low state. This is due to VCC reaching the level
(approximately 0.8V) that activates the internal bias circuitry.
B: At event "B", the "H" transport delay time (TPLH) is initiated.
This is caused by and coincident to VCC reaching the threshold
level of VSH. At this level the device is in full operation. The
Reset output remains off as VCC rises above VSH. This is
normal.
C: At event "C" VCC is above the undervoltage detect
threshold and the "H" transport delay time (TPLH) has elapsed.
At this point the device removes the hold on the VOUT reset.
VOUT Reset goes high.
In a microprocessor based system these events remove the
reset from the microprocessor, allowing it to function normally.
D-E: At "D", VCC begins to ramp down causing VOUT to follow
it. VCC continues to sag until the VSL undervoltage threshold is
reached at "E". At that time, reset signal is generated (VOUT
Reset goes low).
E-F: Between "E" and "F", VCC recovers and starts
increasing.
F: At "F", VCC reaches the VSH upper threshold. Once again,
the "H" transport delay time (TPLH) is initiated.
G: At "G", VCC is above the undervoltage detect threshold
and the "H" transport delay time (TPLH) has elapsed. At this point
the device removes the hold on the VOUT reset. VOUT Reset
goes high.
H-J: At event "H", VCC is normal, but a manual reset signal
from the logic device is applied at the M/R pin. With the falling
edge of the manual reset signal, the "H" transport delay time
(TPLH) is initiated. At "J", transport delay time (TPLH) has
elapsed and the Vout reset goes high.
K: At event "K" VCC sags to the point where the VSL
undervoltage threshold point is reached and at that level VOUT
reset goes low.
L: At event "L" the VCC voltage has deteriorated to a level
where normal internal circuit bias is no longer able to maintain a
VOUT reset and as a result may exhibit a slight rise to something
less than 0.8V. As VCC decays even further, VOUT reset also
decreases to zero.
AB
C
G
H
JK
BC
D
E
FH
L
K
L
VS
VCC
VOUT
VS
TPLH
M/R
VRES
TIME
V
V
V
TPLH
TPLH
VSL
VSH
Figure 15. Timing Diagram


Similar Part No. - NE56611

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
   Function generator
April 15, 1992
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
NE56604-42D PHILIPS-NE56604-42D Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
NE56605-42D PHILIPS-NE56605-42D Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
More results

Similar Description - NE56611

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Pentair plc. All rights...
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
logo
Omron Electronics LLC
F3W-D OMRON-F3W-D Datasheet
1Mb / 12P
   Compact, Resistant to Mutual Interference, and Ideal for Picking a Variety of Parts.
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com