Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8862CY Datasheet(PDF) 5 Page - NEC

Part # UPD8862CY
Description  (2700 2700) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8862CY Datasheet(HTML) 5 Page - NEC

  UPD8862CY Datasheet HTML 1Page - NEC UPD8862CY Datasheet HTML 2Page - NEC UPD8862CY Datasheet HTML 3Page - NEC UPD8862CY Datasheet HTML 4Page - NEC UPD8862CY Datasheet HTML 5Page - NEC UPD8862CY Datasheet HTML 6Page - NEC UPD8862CY Datasheet HTML 7Page - NEC UPD8862CY Datasheet HTML 8Page - NEC UPD8862CY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet S16033EJ3V0DS
5
µ PD8862
ABSOLUTE MAXIMUM RATINGS (TA =
+25°C)
Parameter
Symbol
Ratings
Unit
Output drain voltage
VOD
−0.3 to +15
V
Shift register clock voltage
Vφ 1, Vφ 2, Vφ 1L, Vφ 2L
−0.3 to +8
V
Reset gate clock voltage
Vφ RB
−0.3 to +8
V
Reset feed-through level clamp clock
voltage
Vφ CLB
−0.3 to +8
V
Transfer gate clock voltage
Vφ TG1 to Vφ TG3
−0.3 to +8
V
Operating ambient temperature
Note
TA
0 to
+60
°C
Storage temperature
Tstg
−40 to +70
°C
Note
Use at the condition without dew condensation.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
RECOMMENDED OPERATING CONDITIONS (TA =
+25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Output drain voltage
VOD
11.4
12.0
12.6
V
Shift register clock high level
Vφ 1_H, Vφ 2_H, Vφ 1LH, Vφ 2LH
4.75
5.0
5.5
V
Shift register clock low level
Vφ 1_L, Vφ 2_L, Vφ 1LL, Vφ 2LL
−0.3
0
+0.25
V
Reset gate clock high level
Vφ RBH
4.5
5.0
5.5
V
Reset gate clock low level
Vφ RBL
−0.3
0
+0.5
V
Reset feed-through level clamp clock
high level
Vφ CLBH
4.5
5.0
5.5
V
Reset feed-through level clamp clock
low level
Vφ CLBL
−0.3
0
+0.5
V
Transfer gate clock high level
Vφ TG1H to Vφ TG3H
4.75
Vφ 1_H
Note
Vφ 1_H
Note
V
Transfer gate clock low level
Vφ TG1L to Vφ TG3L
−0.3
0
+0.15
V
Data rate
fφ RB
2.0
6.0
MHz
Note
When Transfer gate clock high level (Vφ TG1H to Vφ TG3H) is higher than Shift register clock high level (Vφ 1_H),
Image lag can increase.


Similar Part No. - UPD8862CY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8862CY RENESAS-UPD8862CY Datasheet
326Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD8862CY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8862 RENESAS-PD8862_15 Datasheet
327Kb / 26P
   (2700 2700) PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Sony Corporation
ILX547K SONY-ILX547K Datasheet
129Kb / 11P
   2700 X 3 pixel CCD Linear Sensor (Color)
ILX524K SONY-ILX524K Datasheet
164Kb / 11P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX724K SONY-ILX724K Datasheet
182Kb / 12P
   2700 X 3pixel CCD Linear Sensor (Color)
ILX524KA SONY-ILX524KA Datasheet
119Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX724KA SONY-ILX724KA Datasheet
133Kb / 12P
   2700-pixel X 3 line CCD Linear Sensor (Color)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com