Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8872 Datasheet(PDF) 9 Page - NEC

Part # UPD8872
Description  (5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8872 Datasheet(HTML) 9 Page - NEC

Back Button UPD8872 Datasheet HTML 5Page - NEC UPD8872 Datasheet HTML 6Page - NEC UPD8872 Datasheet HTML 7Page - NEC UPD8872 Datasheet HTML 8Page - NEC UPD8872 Datasheet HTML 9Page - NEC UPD8872 Datasheet HTML 10Page - NEC UPD8872 Datasheet HTML 11Page - NEC UPD8872 Datasheet HTML 12Page - NEC UPD8872 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TIMING CHART 1-2 (Line clamp mode, for each color)
Note Set the
φ RB to high level during this period.
Remark Inverse pulse of the
φ TG1 to φ TG3 can be used as φ CLB.
VOUT1 to VOUT3
RB
φ
CLB
φ
1L
φ
Note
Invalid photocell
(4 pixels)
Invalid photocell
(4 pixels)
Valid photocell
(10800 pixels)
Optical black
(49 pixels)
1,
φ
2L
φ
2,
φ
TG1 to
φ
TG3
φ
TG1 to
φ
TG3)
(
φ
Note


Similar Part No. - UPD8872

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8872 RENESAS-UPD8872 Datasheet
306Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
UPD8872CY-A RENESAS-UPD8872CY-A Datasheet
306Kb / 26P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD8872

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD8875 RENESAS-PD8875_15 Datasheet
509Kb / 30P
   (54005400) PIXELS 횞 3 COLOR (54005400) PIXELS B&W CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8873 NEC-UPD8873 Datasheet
257Kb / 32P
   (5400 짰5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
   5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com