Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE56610-39GW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NE56610-39GW
Description  Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56610-39GW Datasheet(HTML) 8 Page - NXP Semiconductors

  NE56610-39GW Datasheet HTML 1Page - NXP Semiconductors NE56610-39GW Datasheet HTML 2Page - NXP Semiconductors NE56610-39GW Datasheet HTML 3Page - NXP Semiconductors NE56610-39GW Datasheet HTML 4Page - NXP Semiconductors NE56610-39GW Datasheet HTML 5Page - NXP Semiconductors NE56610-39GW Datasheet HTML 6Page - NXP Semiconductors NE56610-39GW Datasheet HTML 7Page - NXP Semiconductors NE56610-39GW Datasheet HTML 8Page - NXP Semiconductors NE56610-39GW Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
NE56610/11/12 Series
System Reset
February 23, 2001
8 of 9
document number here
Test Circuits
Figure 16. Test Circuit 1
Figure 17. Test Circuit 2
2
1
5
4
VCC
GND
VOUT
SUB
M/R
3
VCC
10
µF
V1
/ 10V
VRES
A2
RL
A1
V2
A - DC Ammeter
V = DC Voltmeter
2
1
5
4
VCC
GND
VOUT
SUB
M/R
3
10
µF
/ 10V
RL
CL = 100pF
CRT = Oscilliscope
CRT
5.0 V
Input
Pulse
VS typ -0.4V
+0.4V
0V
VS typ
Input Pulse
Application Information
When the manual reset is not needed, the M/R, manual reset
pin is connected to ground as shown in Figure 16 - Typical Hard
Reset Circuit. A capacitor connected from VCC to ground is
recommended when the VCC supply impedance is appreciably
high. This may be the situation with a poor quality or aged
battery.
Figure 16. Typical Hard Reset Circuit
The second example, shown in Figure 17 - Manual Reset
Circuit, incorporates a manual reset switch from the M/R pin to
VCC. When the manual switch is closed, VOUT reset is logic
high. Conversely, when it is opened, VOUT reset is logic low. As
a precaution a clamp diode is placed from the M/R pin to ground
to insure that the pin does not go below - 0.3V.
Figure 17. Manual Reset Circuit
23
1
54
VCC
GND
VOUT
SUB
M/R
RL
To VCC
To CPU
Reset Pin
23
1
54
VCC
GND
VOUT
SUB
M/R
RL
To VCC
To CPU
Reset Pin
Clamp
Manual
Switch
Diode


Similar Part No. - NE56610-39GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE566 PHILIPS-NE566 Datasheet
50Kb / 5P
   Function generator
April 15, 1992
NE56604-42 PHILIPS-NE56604-42 Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
NE56604-42D PHILIPS-NE56604-42D Datasheet
174Kb / 17P
   System reset with built-in Watchdog timer
2003 Oct 15
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
NE56605-42D PHILIPS-NE56605-42D Datasheet
176Kb / 16P
   System reset with built-in watchdog timer
2001 Aug 22
More results

Similar Description - NE56610-39GW

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Pentair plc. All rights...
WPX-BB PENTAIR-WPX-BB Datasheet
206Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
WP-BB PENTAIR-WP-BB Datasheet
211Kb / 2P
   DESIGNED FOR A VARIETY OF APPLICATIONS REQUIRING SEDIMENT REDUCTION
logo
Unity Opto Technology
MAL-C065R UOT-MAL-C065R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
MAL-C002R UOT-MAL-C002R Datasheet
42Kb / 2P
   Striped type light source designed for a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
   Sense a variety of environmental information
2JCIE-BL01 OMRON-2JCIE-BL01 Datasheet
393Kb / 8P
   Sense a variety of environmental information
logo
ATMEL Corporation
AT88SC0104CA-SH-T ATMEL-AT88SC0104CA-SH-T Datasheet
289Kb / 23P
   One of a family of devices with user memories from 1Kbit to 8Kbits
logo
Omron Electronics LLC
F3W-D OMRON-F3W-D Datasheet
1Mb / 12P
   Compact, Resistant to Mutual Interference, and Ideal for Picking a Variety of Parts.
logo
ITT Industries
DENG9P-P1 ITT-DENG9P-P1 Datasheet
10Mb / 302P
   The ITT Cannon D Subminiature Family of connectors has grown to include a wide variety of styles
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com