Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8880 Datasheet(PDF) 7 Page - NEC

Part # UPD8880
Description  (10680 짰10680) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8880 Datasheet(HTML) 7 Page - NEC

Back Button UPD8880 Datasheet HTML 3Page - NEC UPD8880 Datasheet HTML 4Page - NEC UPD8880 Datasheet HTML 5Page - NEC UPD8880 Datasheet HTML 6Page - NEC UPD8880 Datasheet HTML 7Page - NEC UPD8880 Datasheet HTML 8Page - NEC UPD8880 Datasheet HTML 9Page - NEC UPD8880 Datasheet HTML 10Page - NEC UPD8880 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet S16032EJ3V0DS
7
µ PD8880
INPUT PIN CAPACITANCE (TA =
+25°C, VOD = 12 V)
Parameter
Symbol
Pin name
Pin No.
Min.
Typ.
Max.
Unit
Shift register clock pin capacitance 1
Cφ 1
φ 1
4
1100
pF
13
1100
pF
φ 1 total capacitance
2200
pF
Shift register clock pin capacitance 2
Cφ 2
φ 2
5
1100
pF
20
1100
pF
φ 2 total capacitance
2200
pF
Last stage shift register clock pin capacitance 1
Cφ 1L
φ 1L
14
70
pF
Last stage shift register clock pin capacitance 2
Cφ 2L
φ 2L
19
70
pF
Reset gate clock pin capacitance
Cφ RB
φ RB
2
20
pF
Reset feed-through level clamp clock pin capacitance
Cφ CLB
φ CLB
3
20
pF
Transfer gate clock pin capacitance
φ TG1
18
200
pF
φ TG2
17
200
pF
Cφ TG
φ TG3
15
200
pF
Remarks 1. Pins 4 and 13 (
φ 1), 5 and 20 (φ 2) are each connected inside of the device.
2. Cφ 1 and Cφ 2 show the equivalent capacity of the real drive including the capacity of between
φ 1 and
φ 2.


Similar Part No. - UPD8880

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8880 RENESAS-UPD8880 Datasheet
317Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
UPD8880CY-A RENESAS-UPD8880CY-A Datasheet
317Kb / 26P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD8880

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8882 NEC-UPD8882 Datasheet
355Kb / 36P
   (10680 10680) PIXELS 짰3 COLOR CCD LINEAR IMAGE SENSOR
UPD8870 NEC-UPD8870 Datasheet
189Kb / 24P
   10680 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8884A NEC-UPD8884A Datasheet
285Kb / 28P
   (10680 PIXELS x 4 LINES) x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com