Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16835A Datasheet(PDF) 4 Page - NEC

Part # UPD16835A
Description  MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16835A Datasheet(HTML) 4 Page - NEC

  UPD16835A Datasheet HTML 1Page - NEC UPD16835A Datasheet HTML 2Page - NEC UPD16835A Datasheet HTML 3Page - NEC UPD16835A Datasheet HTML 4Page - NEC UPD16835A Datasheet HTML 5Page - NEC UPD16835A Datasheet HTML 6Page - NEC UPD16835A Datasheet HTML 7Page - NEC UPD16835A Datasheet HTML 8Page - NEC UPD16835A Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Data Sheet S15973EJ1V0DS
4
µµµµPD16835A
1. PIN FUNCTIONS
Pin No.
Symbol
Function
1
LGND
Control circuit GND pin
2COSC
Chopping capacitor connection pin
3FILA
α 1-ch filter capacitor connection pin (1000 pF TYP.)
4FILB
α 2-ch filter capacitor connection pin (1000 pF TYP.)
5FILC
β 1-ch filter capacitor connection pin (1000 pF TYP.)
6FILD
β 2-ch filter capacitor connection pin (1000 pF TYP.)
7VREF
Reference voltage input pin (250 mV TYP.)
8VDD
Control circuit supply voltage input pin
9VM3
Output circuit supply voltage input pin
10
D2
β 2-ch output pin
11
FBD
β 2-ch sense resistor connection pin
12
D1
β 2-ch output pin
13
VM4
Output circuit supply voltage connection pin
14
C2
β 1-ch output pin
15
FBC
β 1-ch sense resistor connection pin
16
C1
β 1-ch output pin
17
EXP0
Output monitor pin (open drain)
18
EXP1
Output monitor pin (open drain)
19
EXP2
Output monitor pin (open drain)
20
PGND
Power circuit GND pin
21
EXP3
Output monitor pin (open drain)
22
EXTα
Logic circuit monitor pin
23
VM1
Output circuit supply voltage input pin
24
A1
α 1-ch output pin
25
FBA
α 1-ch sense resistor connection pin
26
A2
α 1-ch output pin
27
VM2
Output circuit supply voltage input pin
28
B1
α 2-ch output pin
29
FBB
α 2-ch sense resistor connection pin
30
B2
α 2-ch output pin
31
EXTβ
Logic circuit monitor pin
32
VD
Video sync signal input pin
33
LATCH
Latch signal input pin
34
SDATA
Serial data input pin
35
SCLK
Serial clock input pin
36
OSCIN
Original oscillation input pin (4 MHz TYP.)
37
OSCOUT
Original oscillation output pin
38
RESET
Reset signal output pin


Similar Part No. - UPD16835A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16835A RENESAS-UPD16835A Datasheet
348Kb / 34P
   MOS INTEGRATED CIRCUIT
2002
UPD16835AGS-BGG RENESAS-UPD16835AGS-BGG Datasheet
348Kb / 34P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD16835A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16878 NEC-UPD16878 Datasheet
242Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16879 NEC-UPD16879 Datasheet
199Kb / 6P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD168101 NEC-UPD168101 Datasheet
115Kb / 16P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16835 NEC-UPD16835 Datasheet
196Kb / 32P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16877 NEC-UPD16877 Datasheet
74Kb / 6P
   MONOLITHIC QUAD H-BRIDGE DRIVER CIRCUIT
UPD16833A NEC-UPD16833A Datasheet
90Kb / 12P
   MONOLITHIC QUAD H BRIDGE DRIVER CIRCUIT
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
   MONOLITHIC QUAD H BRIDGE DRIVER
UPD16805 NEC-UPD16805 Datasheet
85Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
Renesas Technology Corp
PD16805 RENESAS-PD16805_15 Datasheet
254Kb / 18P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
logo
NEC
UPD16804 NEC-UPD16804 Datasheet
87Kb / 12P
   MONOLITHIC H BRIDGE DRIVER CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com