Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8891CY Datasheet(PDF) 2 Page - NEC

Part # UPD8891CY
Description  (5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8891CY Datasheet(HTML) 2 Page - NEC

  UPD8891CY Datasheet HTML 1Page - NEC UPD8891CY Datasheet HTML 2Page - NEC UPD8891CY Datasheet HTML 3Page - NEC UPD8891CY Datasheet HTML 4Page - NEC UPD8891CY Datasheet HTML 5Page - NEC UPD8891CY Datasheet HTML 6Page - NEC UPD8891CY Datasheet HTML 7Page - NEC UPD8891CY Datasheet HTML 8Page - NEC UPD8891CY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet S16039EJ2V0DS
2
µµµµPD8891
BLOCK DIAGRAM
22
20
1
11
7
8
16
15
5
17
TG1
(Blue)
φ
TG2
(Green)
φ
TG3
(Red)
φ
1L
φ
2-1200
φ
1-1200
φ
2-300
φ
1-300
φ
14
13
2-300
φ
1-300
φ
GND GND
VOD
VOUT1
(Blue)
21
VOUT2
(Green)
2
12
10
9
VOUT3
(Red)
CLB
φ
19
SEL
φ
Photocell
(Blue)
CCD analog shift register
CCD analog shift register
Transfer gate
Transfer gate
····
···
···
···
····
····
Photocell
(Green)
CCD analog shift register
CCD analog shift register
Transfer gate
Transfer gate
Photocell
(Red)
CCD analog shift register
CCD analog shift register
Transfer gate
Transfer gate
4
RB
φ
3
2L
φ
Photocell
(Blue)
CCD analog shift register
Transfer gate
····
Photocell
(Green)
CCD analog shift register
Transfer gate
····
Photocell
(Red)
CCD analog shift register
Transfer gate
····


Similar Part No. - UPD8891CY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8891CY-A RENESAS-UPD8891CY-A Datasheet
442Kb / 34P
   MOS INTEGRATED CIRCUIT
2002
More results

Similar Description - UPD8891CY

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
   7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
   7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
   5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
   5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
   2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
   5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3729 NEC-UPD3729 Datasheet
109Kb / 20P
   5000 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3799 NEC-UPD3799 Datasheet
114Kb / 20P
   5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8871 NEC-UPD8871 Datasheet
168Kb / 24P
   10680 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com