Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD120N25T1B-E1 Datasheet(PDF) 4 Page - NEC

Part # UPD120N25T1B-E1
Description  THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD120N25T1B-E1 Datasheet(HTML) 4 Page - NEC

  UPD120N25T1B-E1 Datasheet HTML 1Page - NEC UPD120N25T1B-E1 Datasheet HTML 2Page - NEC UPD120N25T1B-E1 Datasheet HTML 3Page - NEC UPD120N25T1B-E1 Datasheet HTML 4Page - NEC UPD120N25T1B-E1 Datasheet HTML 5Page - NEC UPD120N25T1B-E1 Datasheet HTML 6Page - NEC UPD120N25T1B-E1 Datasheet HTML 7Page - NEC UPD120N25T1B-E1 Datasheet HTML 8Page - NEC UPD120N25T1B-E1 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
S17145EJ2V0DS
4
µPD120Nxx Series
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified.)
Rating
Parameter
Symbol
µ PD120NxxTA
µ PD120NxxT1B
Unit
Input Voltage
VIN
−0.3 to +6
V
Power Dissipation
Note1
PT
180/510
Note2
400/2000
Note3
mW
Operating Ambient Temperature
TA
–40 to +85
°C
Operating Junction Temperature
TJ
–40 to +150
°C
Storage Temperature
Tstg
–55 to +150
°C
Thermal Resistance (junction to ambient)
Rth(J-A)
695/245
Note2
315/62.5
Note3
°C/W
Note 1. Internally limited. When the operating junction temperature rises over 150
°C, the internal circuit shuts down
the output voltage.
2. Mounted on ceramic substrate of 75 mm
2 x 0.7 mm
3. Mounted on ceramic substrate of 16 cm
2 x 0.7 mm
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
STANDARD CONNECTION
D2
D1
CIN
COUT
INPUT
OUTPUT
PD120Nxx
µ
CIN: 0.1
µF or higher. Set this value according to the length of the line between the regulator and INPUT pin. Be sure
to connect CIN to prevent parasitic oscillation. If using a laminated ceramic capacitor, it is necessary to ensure
that CIN is 0.1
µF or higher for the voltage and temperature range to be used.
COUT: 10
µF or higher. Be sure to connect COUT to prevent oscillation and improve excessive load regulation. Place
CIN and COUT as close as possible to the IC pins (within 2 cm). Be sure to use the capacitor of 10
µF or higher
of capacity values and 1 to 8
Ω of equivalent series resistance under an operating condition.
D1: If the OUTPUT pin has a higher voltage than the INPUT pin, connect a diode.
D2: If the OUTPUT pin has a lower voltage than the GND pin, connect a schottky barrier diode.
Caution Make sure that no voltage is applied to the OUTPUT pin from external.


Similar Part No. - UPD120N25T1B-E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120N25T1B RENESAS-UPD120N25T1B Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD120N25T1B-E1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com