Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF512K32N-90G4TM5A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WF512K32N-90G4TM5A
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K32N-90G4TM5A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WF512K32N-90G4TM5A Datasheet HTML 1Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 2Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 3Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 4Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 5Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 6Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 7Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 8Page - List of Unclassifed Manufacturers WF512K32N-90G4TM5A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, WE CONTROLLED
(VCC = 5.0V, TA = -55
°C to +125°C)
WF512K32-XXX5
WF512K32-XXX5
WF512K32-XXX5
AC CHARACTERISTICS – READ ONLY OPERATIONS
(VCC = 5.0V, TA = -55
°C to +125°C)
Parameter
Symbol
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
60
70
90
120
150
ns
Address Access Time
tAVQV
tACC
60
70
90
120
150
ns
Chip Select Access Time
tELQV
tCE
60
70
90
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
30
35
35
50
55
ns
Chip Select to Output High Z (1)
tEHQZ
tDF
20
20
20
30
35
ns
Output Enable High to Output High Z (1)
tGHQZ
tDF
20
20
20
30
35
ns
Output Hold from Address, CS or OE Change,
tAXQX
tOH
00
0
0
0
ns
whichever is First
1. Guaranteed by design, but not tested
Parameter
Symbol
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
60
70
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
00
00
0
ns
Write Enable Pulse Width
tWLWH
tWP
40
45
45
50
50
ns
Address Setup Time
tAVWH
tAS
00
00
0
ns
Data Setup Time
tDVWH
tDS
40
45
45
50
50
ns
Data Hold Time
tWHDX
tDH
00
00
0
ns
Address Hold Time
tWHAX
tAH
40
45
45
50
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
300
300
µs
Sector Erase Time (2)
tWHWH2
15
15
15
15
15
sec
Read Recovery Time before Write
tGHWL
00
00
0
ns
VCC Set-up Time
tVCS
50
50
50
50
50
µs
Chip Programming Time
11
11
11
11
11
sec
Output Enable Setup Time
tOES
00
00
0
ns
Output Enable Hold Time (4)
tOEH
10
10
10
10
10
ns
Chip Erase Time (3)
64
64
64
64
64
sec
NOTES:
1. Typical value for tWHWH1 is 7
µs.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase Time is 8sec.
4. For Toggle and Data Polling.


Similar Part No. - WF512K32N-90G4TM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32N-90G4TM5A WEDC-WF512K32N-90G4TM5A Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32N-90G4TM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
   512Kx32 FLASH
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
   512Kx32 Flash
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com