Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D126X9015W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 173D126X9015W
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D126X9015W Datasheet(HTML) 3 Page - Vishay Siliconix

  173D126X9015W Datasheet HTML 1Page - Vishay Siliconix 173D126X9015W Datasheet HTML 2Page - Vishay Siliconix 173D126X9015W Datasheet HTML 3Page - Vishay Siliconix 173D126X9015W Datasheet HTML 4Page - Vishay Siliconix 173D126X9015W Datasheet HTML 5Page - Vishay Siliconix 173D126X9015W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
89
173D
Vishay Sprague
Document Number: 40019
Revision 13-Jun-02
For technical questions, contact tantalum@vishay.com
CASE
CODE
STANDARD RATINGS
CAPACITANCE
(
µF)
U
U
U
V
V
V
V
V
V
W
W
W
W
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
Y
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
173D225X0010U
173D335X0010U
173D475X0010V
173D685X0010V
173D106X0010V
173D156X0010W
173D226X0010W
173D336X0010X
173D476X0010X
173D686X0010Y
173D107X0010Y
173D157X0010Y
173D227X0010Y
PART NUMBER*
CAP. TOL.
± 20%
MAX. DF
@ + 25
°C
120 Hz
(%)
MAX. DCL
@ + 25
°C
(
µA)
PART NUMBER*
CAP. TOL.
± 10%
15 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
173D155X9015U
173D185X9015U
173D225X9015U
173D275X9015V
173D335X9015V
173D395X9015V
173D475X9015V
173D565X9015V
173D685X9015V
173D825X9015W
173D106X9015W
173D126X9015W
173D156X9015W
173D186X9015X
173D226X9015X
173D276X9015X
173D336X9015X
173D396X9015Y
173D476X9015Y
173D566X9015Y
173D686X9015Y
173D826X9015Y
173D107X9015Y
173D127X9015Y
173D157X9015Y
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 9 V
173D225X9010U
173D275X9010U
173D335X9010U
173D395X9010V
173D475X9010V
173D565X9010V
173D685X9010V
173D825X9010V
173D106X9010V
173D126X9010W
173D156X9010W
173D186X9010W
173D226X9010W
173D276X9010X
173D336X9010X
173D396X9010X
173D476X9010X
173D566X9010Y
173D686X9010Y
173D826X9010Y
173D107X9010Y
173D127X9010Y
173D157X9010Y
173D187X9010Y
173D227X9010Y
4
4
4
4
4
4
6
6
6
6
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.7
0.8
1.0
1.2
1.4
1.5
2.2
2.6
3.1
3.8
4.4
5.0
5.0
8.0
9.6
10.0
10.0
10.0
0.5
0.5
0.5
0.5
0.5
0.5
0.6
0.7
0.8
1.0
1.2
1.4
1.5
2.2
2.6
3.2
4.0
4.7
5.0
6.7
8.2
9.8
10.0
10.0
10.0
4
4
4
4
4
4
4
4
6
6
6
6
6
6
6
6
6
6
6
6
6
8
8
8
8
173D155X0015U
173D225X0015U
173D335X0015V
173D475X0015V
173D685X0015V
173D106X0015W
173D156X0015W
173D226X9015X
173D336X0015X
173D476X0015Y
173D686X0015Y
173D107X0015Y
173D157X0015Y
U
U
U
V
V
V
V
V
V
W
W
W
W
X
X
X
X
Y
Y
Y
Y
Y
Y
Y
Y
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
*Part number should include "X5" for
± 5% units (special order).
Solid-Electrolyte TANTALEX
® Capacitors,
Axial-Leaded, Molded-Case


Similar Part No. - 173D126X9015W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D126(1)002V(2)(3) VISHAY-173D126(1)002V(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D126(1)004V(2)(3) VISHAY-173D126(1)004V(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D1261002V23 VISHAY-173D1261002V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1261004V23 VISHAY-173D1261004V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1261006V23 VISHAY-173D1261006V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D126X9015W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com