Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43257BCZ-70L Datasheet(PDF) 9 Page - NEC

Part # UPD43257BCZ-70L
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43257BCZ-70L Datasheet(HTML) 9 Page - NEC

Back Button UPD43257BCZ-70L Datasheet HTML 5Page - NEC UPD43257BCZ-70L Datasheet HTML 6Page - NEC UPD43257BCZ-70L Datasheet HTML 7Page - NEC UPD43257BCZ-70L Datasheet HTML 8Page - NEC UPD43257BCZ-70L Datasheet HTML 9Page - NEC UPD43257BCZ-70L Datasheet HTML 10Page - NEC UPD43257BCZ-70L Datasheet HTML 11Page - NEC UPD43257BCZ-70L Datasheet HTML 12Page - NEC UPD43257BCZ-70L Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet M10693EJ7V0DS00
9
µµµµPD43257B
Read Cycle
Parameter
Symbol
µPD43257B-70
µPD43257B-85
Unit
Condition
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
70
85
ns
Address access time
tAA
70
85
ns
Note 1
/CE1 access time
tCO1
70
85
ns
CE2 access time
tCO2
70
85
ns
Output hold from address change
tOH
10
10
ns
/CE1 to output in low impedance
tLZ1
10
10
ns
Note 2
CE2 to output in low impedance
tLZ2
10
10
ns
/CE1 to output in high impedance
tHZ1
30
30
ns
CE2 to output in high impedance
tHZ2
30
30
ns
Notes 1. See the output load shown in Figure 1.
2. See the output load shown in Figure 2.
Remark These AC characteristics are in common regardless of package types and L, LL versions.
Read Cycle Timing Chart
tHZ2
tRC
tOH
tHZ1
tLZ2
tCO2
tLZ1
tCO1
tAA
High impedance
Data out
CE2 (Input)
/CE1 (Input)
Address (Input)
I/O (Output)
Remark
In read cycle, /WE should be fixed to high level.


Similar Part No. - UPD43257BCZ-70L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257BCZ-70L NEC-UPD43257BCZ-70L Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257BCZ-70LL NEC-UPD43257BCZ-70LL Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results

Similar Description - UPD43257BCZ-70L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com