Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

173D156X9015W Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 173D156X9015W
Description  Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

173D156X9015W Datasheet(HTML) 6 Page - Vishay Siliconix

  173D156X9015W Datasheet HTML 1Page - Vishay Siliconix 173D156X9015W Datasheet HTML 2Page - Vishay Siliconix 173D156X9015W Datasheet HTML 3Page - Vishay Siliconix 173D156X9015W Datasheet HTML 4Page - Vishay Siliconix 173D156X9015W Datasheet HTML 5Page - Vishay Siliconix 173D156X9015W Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 40019
Revision 13-Jun-02
www.vishay.com
92
173D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
TAPE AND REEL PACKAGING in inches [millimeters]
0.250 [6.35] (3.b)
1.126 to 3.07
[28.6 to 78.0]
I.D. REEL HUB
13 [330.2] DIA.
STANDARD REEL
"A"
"A"
LABEL (4.a)
0.625
± 0.062
[15.88
± 1.57]
DIA. THRU HOLE
COMPONENT OVERALL
LENGTH (1.b)
A
0.031 [0.79] (3.f)
(BOTH SIDES) (3.f)
(1.a)
0.047 [1.19] MAX.
OFF CENTER (1.a)
0.125 [3.18] MAX.
SECTION "A" - "A"
1.374 to 3.626
[34.9 to 92.1]
0.750
[19.05]
C
(1.b)
B
TAPE
SPACING
COMPONENT
SPACING (4.b)
CASE
CODE
U
V
W, X
Y
UNITS PER REEL
4500
4000
2500
500
COMPONENT SPACING TAPE SPACING
B
2.062
± 0.062
[52.37
± 1.57]
0.400
± 0.015
[10.16
± 3.81]
A
0.200
± 0.015
[5.08
± 3.81]
Solid-Electrolyte TANTALEX
® Capacitors,
Axial-Leaded, Molded-Case
STANDARD REEL PACKAGING INFORMATION
1. Component Leads:
a. Component leads shall not be bent beyond 0.047"
[1.19mm] maximum from their nominal position when
measured from the leading edge of the component lead
at the inside tape edge and at the lead egress from the
component.
b. The 'C' dimension shall be governed by the overall length
of the reel packaged component. The distance between
flanges shall be 0.125" to 0.250" [3.18mm to 6.35mm]
greater than the overall component length.
2. Orientation:
a. All polarized components must be oriented to one
direction. The cathode lead tape shall be a color and the
anode lead tape shall be white.
3. Reeling:
a. Components on any reel shall not represent more than
two date codes when date code identification is required.
b. Component leads shall be positioned between pairs of
0.250" [6.35mm] tape.
c. The disposable reels have hubs with corrugated fiber
board flanges and core.
d. A minimum of 12" [304.8mm] leader of tape sh all be
provided before the first and after the last component on
the reel.
e. 50 to 60 lb. Kraft paper must be wound between layers of
components as far as necessary for component protection.
Width of paper to be 0.062" to 0.250" [1.57mm to 6.35mm]
less than the 'C' dimension of the reel.
f. Row components must be centered between tapes
± 0.047" [1.19mm]. In addition, individual components
may deviate from center of component row
± 0.031" [0.79].
g. Staples shall not be used for splicing. Not more than 4
layers of tape shall be used in any splice area and no
tape shall be offset from another by more than 0.031"
[0.79mm] non-cumulative. Tape splices shall overlap at
least 6" [152.4mm] for butt joints and at least 3" [76.2mm]
for lap joints and shall not be weaker than unspliced tape.
Universal splicing clips may also be used.
h. Quantity per reel shall be controlled so that tape
components and cover shall not extend beyond the
smallest dimension of the flange (either across flats or
diameter). Once the quantity per reel for each part number
has been established, future orders for that part number
shall be packaged in that quantity. When order release
quantity is less than the established quantity, a standard
commercial pack is to be used.
i. A maximum of 0.25% of the components per reel quantity
may be missing without consecutive missing components.
j. Adequate protection must be provided to prevent physical
damage to both reel and components during shipment
and storage.
4. Marking:
a. Minimum reel and carton marking shall consist of the
following: Customer Part Number, Purchase Order No.,
Quantity, Package Date, Manufacturer's name, Electrical
Value, Date Code, Vishay Sprague Part Number and
Country of Origin.


Similar Part No. - 173D156X9015W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D156(1)002V(2)(3) VISHAY-173D156(1)002V(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D156(1)004V(2)(3) VISHAY-173D156(1)004V(2)(3) Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D1561002V23 VISHAY-173D1561002V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1561004V23 VISHAY-173D1561004V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
173D1561006V23 VISHAY-173D1561006V23 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
More results

Similar Description - 173D156X9015W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
   Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
01-Jan-2022
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com