Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43257BGU-85L Datasheet(PDF) 10 Page - NEC

Part # UPD43257BGU-85L
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43257BGU-85L Datasheet(HTML) 10 Page - NEC

Back Button UPD43257BGU-85L Datasheet HTML 6Page - NEC UPD43257BGU-85L Datasheet HTML 7Page - NEC UPD43257BGU-85L Datasheet HTML 8Page - NEC UPD43257BGU-85L Datasheet HTML 9Page - NEC UPD43257BGU-85L Datasheet HTML 10Page - NEC UPD43257BGU-85L Datasheet HTML 11Page - NEC UPD43257BGU-85L Datasheet HTML 12Page - NEC UPD43257BGU-85L Datasheet HTML 13Page - NEC UPD43257BGU-85L Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet M10693EJ7V0DS00
10
µµµµPD43257B
Write Cycle
Parameter
Symbol
µPD43257B-70
µPD43257B-85
Unit
Condition
MIN.
MAX.
MIN.
MAX.
Write cycle time
tWC
70
85
ns
/CE1 to end of write
tCW1
50
70
ns
CE2 to end of write
tCW2
50
70
ns
Address valid to end of write
tAW
50
70
ns
Address setup time
tAS
00
ns
Write pulse width
tWP
55
65
ns
Write recovery time
tWR
00
ns
Data valid to end of write
tDW
30
35
ns
Data hold time
tDH
00
ns
/WE to output in high impedance
tWHZ
30
30
ns
Note
Output active from end of write
tOW
10
10
ns
Note See the output load shown in Figure 2.
Remark These AC characteristics are in common regardless of package types and L, LL versions.


Similar Part No. - UPD43257BGU-85L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43257BGU-85L NEC-UPD43257BGU-85L Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43257BGU-85L RENESAS-UPD43257BGU-85L Datasheet
676Kb / 22P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43257BGU-85L-A NEC-UPD43257BGU-85L-A Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
logo
Renesas Technology Corp
UPD43257BGU-85L-A RENESAS-UPD43257BGU-85L-A Datasheet
676Kb / 22P
   MOS INTEGRATED CIRCUIT
2009
logo
NEC
UPD43257BGU-85LL NEC-UPD43257BGU-85LL Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results

Similar Description - UPD43257BGU-85L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com