Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD43256BGW-A10X-9KL Datasheet(PDF) 8 Page - NEC

Part # UPD43256BGW-A10X-9KL
Description  256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD43256BGW-A10X-9KL Datasheet(HTML) 8 Page - NEC

Back Button UPD43256BGW-A10X-9KL Datasheet HTML 4Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 5Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 6Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 7Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 8Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 9Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 10Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 11Page - NEC UPD43256BGW-A10X-9KL Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
µPD43256B-X
Data Sheet M11012EJ4V0DS
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
AC Test Conditions
[
µµµµPD43256B-70X, µµµµPD43256B-85X]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
Test points
1.5 V
1.5 V
2.4 V
0.6 V
Output Waveform
Test points
1.5 V
1.5 V
Output Load
AC characteristics should be measured with the following output load conditions.
Figure 1
Figure 2
(tAA, tACS, tOE, tOH)(tCHZ, tCLZ, tOHZ, tOLZ, tWHZ, tOW)
+5 V
I/O (Output)
1.8 k
5 pF
CL
990
+5 V
I/O (Output)
1.8 k
100 pF
CL
990
Remark CL includes capacitance of the probe and jig, and stray capacitance.
[
µµµµPD43256B-A85X, µµµµPD43256B-A10X, µµµµPD43256B-A12X, µµµµPD43256B-B10X, µµµµPD43256B-B12X, µµµµPD43256B-B15X]
Input Waveform (Rise and Fall Time
≤≤≤≤ 5 ns)
Test points
1.5 V
1.5 V
2.4 V
0.4 V
Output Waveform
Test points
1.5 V
1.5 V
Output Load
AC characteristics should be measured with the following output load conditions.
tAA, tACS, tOE, tOH
tCHZ, tCLZ, tOHZ, tOLZ, tWHZ, tOW
1TTL + 50 pF
1TTL + 5 pF


Similar Part No. - UPD43256BGW-A10X-9KL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256BGW-A10X-9KL NEC-UPD43256BGW-A10X-9KL Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256BGW-A10X-9KL-A NEC-UPD43256BGW-A10X-9KL-A Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results

Similar Description - UPD43256BGW-A10X-9KL

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B Datasheet
174Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_06 Datasheet
224Kb / 28P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B_06 Datasheet
197Kb / 24P
   MOS INTEGRATED CIRCUIT 256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com