Electronic Components Datasheet Search
Selected language     English  ▼


UPD168103 Datasheet(PDF) 5 Page - NEC

Part No. UPD168103
Description  5-CHANNEL OPERATIONAL AMPLIFIER, IRIS DRIVER, AND 4-CHANNEL H-BRIDGE DRIVER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

 
 5 page
background image
Data Sheet S17332EJ1V0DS
5
µ PD168103
3. FUNCTION OPERATION TABLE
3.1 Reset Function
The internal circuit is shut off and the circuit current is kept to 1
µA MAX. when the RESETB pin is made L (reset
status). In this status, the output pin goes into a Hi-Z (High impedance) state. Set the RESETB pin H for normal
usage.
Remark H: High level, L: Low level
3.2 Stepping Motor Driving Block
Table 3
−1. I/O Truth Table of the Stepping Motor Driving Block
EN12, EN34
IN1, IN2, IN3, IN4
OUT1A, OUT2A, OUT3A, OUT4A
OUT1B, OUT2B, OUT3B, OUT4B
H
L
H
L
H
L
H
L
L
Hi-Z
Hi-Z
H
Hi-Z
Hi-Z




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UPD168103A5-CHANNEL OPERATIONAL AMPLIFIER IRIS DRIVER AND 4-CHANNEL H-BRIDGE DRIVER 1 2 3 4 5 MoreNEC
2SC982TMNPN EPITAXIAL TYPE PRINTER DRIVE CORE DRIVER AND LED DRIVE LOW FREQUENCY AMPLIFIER APPLICATIONS 1 2 Toshiba Semiconductor
CS416185mA Dual H-Bridge Odometer Driver with Divide by Select and UVLO 1 2 3 4 Cherry Semiconductor Corporation
HCA10009100MHz Single and Dual Low Noise Precision Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
MSK4202RH70 VOLT 10 AMP RAD-HARD H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER 1 2 3 4 5 List of Unclassifed Manufacturers
NJU7008LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER 1 2 3 4 New Japan Radio
BCP71MNPN Silicon AF Power Transistor Drain switch for RF power amplifier stages For AF driver and output stages High collector current 1 2 3 4 Siemens Semiconductor Group
BA62994-Channel H-bridge type BTL driver for CD players 1 2 3 4 5 MoreRohm
LMV72110MHz Low Noise Low Voltage and Low Power Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE293Silicon Complementary Transistors Audio Amplifier and Driver 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl