Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E111 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100E111
Description  1:9 DIFFERENTIAL CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E111 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100E111 Datasheet HTML 1Page - ON Semiconductor MC100E111 Datasheet HTML 2Page - ON Semiconductor MC100E111 Datasheet HTML 3Page - ON Semiconductor MC100E111 Datasheet HTML 4Page - ON Semiconductor MC100E111 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10E111 MC100E111
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Cond
VBB
Output Reference
Voltage
10E
100E
–1.43
–1.38
–1.30
–1.26
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
IIH
Input HIGH
Current
150
150
150
150
µA
IEE
Power Supply
Current
10E
100E
48
48
60
60
48
48
60
60
48
48
60
60
48
55
60
69
mA
VPP(DC)
Input Sensitivity
50
50
50
50
mV
1
VCMR
Commom Mode
Range
–1.6
–0.4
–1.6
–0.4
–1.6
–0.4
–1.6
–0.4
V
2
1. Differential input voltage required to obtain a full ECL swing on the outputs.
2. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level
must be such that the peak to peak voltage is less than 1.0 V and greater than or equal to VPP(min).
AC CHARACTERISTICS (VEE = VEE (min) to VEE (max); VCC = VCCO = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Cond
tPLH
tPHL
Propagation Delay to
Output
IN (Diff)
IN (SE)
Enable
Disable
380
280
400
400
680
780
900
900
460
410
450
450
560
610
850
850
480
430
450
450
580
630
850
850
510
460
450
450
610
660
850
850
ps
1
2
3
3
ts
Setup Time
EN to IN
250
0
200
0
200
0
200
0
ps
5
tH
Hold Time
IN to EN
50
–200
0
–200
0
–200
0
–200
ps
6
tR
Release Time EN to IN
350
100
300
100
300
100
300
100
ps
7
tskew
Within-Device Skew
25
75
25
50
25
50
25
50
ps
4
VPP(AC)
Minimum Input Swing
250
250
250
250
mV
8
tr, tf
Rise/Fall Time
250
450
650
275
375
600
275
375
600
275
375
600
ps
1. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals. See
Definitions and Testing of ECLinPS AC Parameters in Chapter 1 (page 1–12) of the Motorola High Performance
ECL Data Book (DL140/D).
2. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal. See
Definitions and Testing of ECLinPS AC Parameters in Chapter 1 (page 1–12) of the Motorola High Performance ECL Data Book (DL140/D).
3. Enable is defined as the propagation delay from the 50% point of a negative transition on EN to the 50% point of a positive transition on Q
(or a negative transition on Q). Disable is defined as the propagation delay from the 50% point of a positive transition on EN to the 50% point
of a negative transition on Q (or a positive transition on Q).
4. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
5. The setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
±75 mV to that IN/IN transition (see Figure 1).
6. The hold time is the minimum time that EN must remain asserted after a negative going IN or a positive going IN to prevent an output response
greater than
±75 mV to that IN/IN transition (see Figure 2).
7. The release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets
the specified IN to Q propagation delay and output transition times (see Figure 3).
8. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the E111 as a differential input as low as 50 mV will still produce full ECL levels at the output.


Similar Part No. - MC100E111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E111 ONSEMI-MC100E111 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100E111FN ONSEMI-MC100E111FN Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100E111FNG ONSEMI-MC100E111FNG Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100E111FNG ONSEMI-MC100E111FNG Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC100E111FNR2 ONSEMI-MC100E111FNR2 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
More results

Similar Description - MC100E111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
Fairchild Semiconductor
100311 FAIRCHILD-100311 Datasheet
64Kb / 6P
   Low Skew 1:9 Differential Clock Driver
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com