Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD168110 Datasheet(PDF) 6 Page - NEC

Part # UPD168110
Description  MICROSTEP DRIVER FOR DRIVING CAMERA LENS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD168110 Datasheet(HTML) 6 Page - NEC

Back Button UPD168110 Datasheet HTML 2Page - NEC UPD168110 Datasheet HTML 3Page - NEC UPD168110 Datasheet HTML 4Page - NEC UPD168110 Datasheet HTML 5Page - NEC UPD168110 Datasheet HTML 6Page - NEC UPD168110 Datasheet HTML 7Page - NEC UPD168110 Datasheet HTML 8Page - NEC UPD168110 Datasheet HTML 9Page - NEC UPD168110 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet S15840EJ2V0DS
6
µPD168110
Output Timing Chart
• Microstep output mode
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
5
10152025
30
35404550556065
0
5
10
15
20
25
30
35
40
45
50
55
60
65
–99.5
99.5
–95.7
95.7
100
98.1
92.4
–92.4
–98.1
–100
–88.2
88.2
–83.1
83.1
–77.3
77.3
–70.7
70.7
–63.4
63.4
–55.6
55.6
–47.1
47.1
–38.3
38.3
–29.0
29.0
–19.5
19.5
–9.8
9.8
0
—99.5
99.5
—95.7
95.7
100
98.1
92.4
—92.4
—98.1
—100
—88.2
88.2
—83.1
83.1
—77.3
77.3
—70.7
70.7
—63.4
63.4
—55.6
55.6
—47.1
47.1
—38.3
38.3
—29.0
29.0
—19.5
19.5
—9.8
9.8
0
05
10
position
Ch 1 current
Ch 2 current
MOB output (when MOBSEL = “L”)
MOB output (when MOBSEL = “H”)
CLK input
15
20
25
30
35
40
45
50
55
60
65
0
5
10
15
20
25
30
35
40
45
50
55
60
65
The horizontal axis indicates the number of steps. This figure shows an example in the CW mode. The pulse
advances in synchronization with the rising edge of CLK. The current flows into ch 1 and ch 2 in the positive direction
when it flows from OUT1A to OUT1B, and in the negative direction when it flows from OUT1B to OUT1A (the values
shown above are ideal values and do not indicate the actual values).


Similar Part No. - UPD168110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD168110 RENESAS-UPD168110 Datasheet
404Kb / 20P
   MOS INTEGRATED CIRCUIT
2003
UPD168110MA-6A5 RENESAS-UPD168110MA-6A5 Datasheet
404Kb / 20P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD168110

ManufacturerPart #DatasheetDescription
logo
NEC
UPD168111A NEC-UPD168111A Datasheet
208Kb / 39P
   MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168111 NEC-UPD168111 Datasheet
258Kb / 39P
   MICROSTEP DRIVER FOR DRIVING CAMERA LENS
UPD168112 NEC-UPD168112 Datasheet
155Kb / 28P
   SERIAL CONTROL H-BRIDGE DRIVER FOR CAMERA LENS DRIVING
logo
Sanyo Semicon Device
LV8483CS SANYO-LV8483CS Datasheet
157Kb / 9P
   For Camera Modules Composite Channel Lens Driver
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
   Lens Motor Driver for Digital Still Camera
logo
Pepperl+Fuchs Inc.
VOS-LE-C-8MM PF-VOS-LE-C-8MM Datasheet
1Mb / 2P
   Accessory camera lens
VOS-LE-C-25MM PF-VOS-LE-C-25MM Datasheet
621Kb / 2P
   Accessory camera lens
VOS-LE-C-12MM PF-VOS-LE-C-12MM Datasheet
640Kb / 2P
   Accessory camera lens
VOS-LE-C-35MM PF-VOS-LE-C-35MM Datasheet
689Kb / 2P
   Accessory camera lens
VOS-LE-C-16MM PF-VOS-LE-C-16MM Datasheet
761Kb / 2P
   Accessory camera lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com