Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD442000AGU-BB55X-9JH Datasheet(PDF) 10 Page - NEC

Part # UPD442000AGU-BB55X-9JH
Description  2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442000AGU-BB55X-9JH Datasheet(HTML) 10 Page - NEC

Back Button UPD442000AGU-BB55X-9JH Datasheet HTML 6Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 7Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 8Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 9Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 10Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 11Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 12Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 13Page - NEC UPD442000AGU-BB55X-9JH Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet M14669EJ7V0DS
10
µµµµPD442000A-X
Read Cycle (1/3)
Parameter
Symbol
VCC
≥ 2.7 V
Unit
Condition
-BB55X
-BB70X
-BB85X
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
55
70
85
ns
Address access time
tAA
55
70
85
ns
Note 1
/CE1 access time
tCO1
55
70
85
ns
CE2 access time
tCO2
55
70
85
ns
/OE to output valid
tOE
30
35
40
ns
Output hold from address change
tOH
10
10
10
ns
/CE1 to output in Low-Z
tLZ1
10
10
10
ns
Note 2
CE2 to output in Low-Z
tLZ2
10
10
10
ns
/OE to output in Low-Z
tOLZ
555
ns
/CE1 to output in High-Z
tHZ1
20
25
30
ns
CE2 to output in High-Z
tHZ2
20
25
30
ns
/OE to output in High-Z
tOHZ
20
25
30
ns
Notes 1. The output load is 1TTL + 50 pF.
2. The output load is 1TTL + 5 pF.
Read Cycle (2/3)
Parameter
Symbol
VCC
≥ 2.2 V
Unit
Condition
-BC70X
-BC85X
-BC10X
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read cycle time
tRC
70
85
100
ns
Address access time
tAA
70
85
100
ns
Note 1
/CE1 access time
tCO1
70
85
100
ns
CE2 access time
tCO2
70
85
100
ns
/OE to output valid
tOE
35
40
50
ns
Output hold from address change
tOH
10
10
10
ns
/CE1 to output in Low-Z
tLZ1
10
10
10
ns
Note 2
CE2 to output in Low-Z
tLZ2
10
10
10
ns
/OE to output in Low-Z
tOLZ
555
ns
/CE1 to output in High-Z
tHZ1
25
30
35
ns
CE2 to output in High-Z
tHZ2
25
30
35
ns
/OE to output in High-Z
tOHZ
25
30
35
ns
Notes 1. The output load is 1TTL + 30 pF.
2. The output load is 1TTL + 5 pF.


Similar Part No. - UPD442000AGU-BB55X-9JH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442000AGU-BB55X-9JH RENESAS-UPD442000AGU-BB55X-9JH Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
UPD442000AGU-BB55X-9JH-A RENESAS-UPD442000AGU-BB55X-9JH-A Datasheet
737Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442000AGU-BB55X-9JH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43257B NEC-UPD43257B Datasheet
157Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
UPD43256B NEC-UPD43256B_00 Datasheet
231Kb / 24P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com