Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD442002F9-BB70X-BC2-A Datasheet(PDF) 7 Page - NEC

Part # UPD442002F9-BB70X-BC2-A
Description  2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442002F9-BB70X-BC2-A Datasheet(HTML) 7 Page - NEC

Back Button UPD442002F9-BB70X-BC2-A Datasheet HTML 3Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 4Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 5Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 6Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 7Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 8Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 9Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 10Page - NEC UPD442002F9-BB70X-BC2-A Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet M14670EJ7V
1DS
7
µµµµPD442002-X
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted) (1/2)
Parameter
Symbol
Test condition
-BB70X
Unit
MIN.
TYP.
MAX.
Input leakage current
ILI
VIN = 0 V to VCC
–1.0
+1.0
µA
I/O leakage current
ILO
VI/O = 0 V to VCC, /CS = VIH or
–1.0
+1.0
µA
/WE = VIL or /OE = VIH
Operating supply current
ICCA1
/CS = VIL, II/O = 0 mA, Minimum cycle time
30
mA
ICCA2
/CS = VIL, II/O = 0 mA, Cycle time =
4
ICCA3
/CS
≤ 0.2 V, Cycle time = 1
µs, II/O = 0 mA,
4
VIL
≤ 0.2 V, VIH ≥ VCC – 0.2 V
Standby supply current
ISB
/CS = VIH or /LB = /UB = VIH
0.6
mA
ISB1
/CS
≥ VCC – 0.2 V
0.3
4
µA
ISB2
/LB = /UB
≥ VCC – 0.2 V, /CS ≤ 0.2 V
0.3
4
High level output voltage
VOH
IOH = –0.5 mA
2.4
V
Low level output voltage
VOL
IOL = 1.0 mA
0.4
V
Remark VIN : Input voltage
VI/O : Input / Output voltage


Similar Part No. - UPD442002F9-BB70X-BC2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442002F1-BB70X-BC2-A RENESAS-UPD442002F1-BB70X-BC2-A Datasheet
771Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442002F9-BB70X-BC2-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com