Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD444001LE-10 Datasheet(PDF) 2 Page - NEC

Part # UPD444001LE-10
Description  4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444001LE-10 Datasheet(HTML) 2 Page - NEC

  UPD444001LE-10 Datasheet HTML 1Page - NEC UPD444001LE-10 Datasheet HTML 2Page - NEC UPD444001LE-10 Datasheet HTML 3Page - NEC UPD444001LE-10 Datasheet HTML 4Page - NEC UPD444001LE-10 Datasheet HTML 5Page - NEC UPD444001LE-10 Datasheet HTML 6Page - NEC UPD444001LE-10 Datasheet HTML 7Page - NEC UPD444001LE-10 Datasheet HTML 8Page - NEC UPD444001LE-10 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µµµµPD444001
Data Sheet M14947EJ4V0DS
Pin Configuration (Marking Side)
/xxx indicates active low signal.
32-pin PLASTIC SOJ (10.16 mm (400))
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0
A1
A2
A3
A4
A5
/CS
VCC
GND
DIN
/WE
A6
A7
A8
A9
A10
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A21
A20
A19
A18
A17
A16
/OE
GND
VCC
DOUT
A15
A14
A13
A12
A11
NC
A0 - A21 : Address Inputs
DIN
: Data Input
DOUT
: Data Output
/CS
: Chip Select
/WE
: Write Enable
/OE
: Output Enable
VCC
: Power supply
GND
: Ground
NC
: No connection
Remark Refer to Package Drawing for the 1-pin index mark.


Similar Part No. - UPD444001LE-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444001LE-10 RENESAS-UPD444001LE-10 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
UPD444001LE-10-A RENESAS-UPD444001LE-10-A Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD444001LE-10

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444004 NEC-UPD444004 Datasheet
116Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com