Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD442012AGY-BC70X-MJH Datasheet(PDF) 5 Page - NEC

Part # UPD442012AGY-BC70X-MJH
Description  2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD442012AGY-BC70X-MJH Datasheet(HTML) 5 Page - NEC

  UPD442012AGY-BC70X-MJH Datasheet HTML 1Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 2Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 3Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 4Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 5Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 6Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 7Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 8Page - NEC UPD442012AGY-BC70X-MJH Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet M14671EJ7V0DS
5
µµµµPD442012A-X
Truth Table
/CE1
CE2
/OE
/WE
/LB
/UB
Mode
I/O
Supply current
I/O1 - I/O8
I/O9 - I/O16
H
×××××
Not selected
High impedance
High impedance
ISB
×
L
××××
Not selected
High impedance
High impedance
×
×××
H
H
Not selected
High impedance
High impedance
L
HHH
L
×
Output disable
High impedance
High impedance
ICCA
×
L
Output disable
High impedance
High impedance
L
H
L
L
Word read
DOUT
DOUT
L
H
Lower byte read
DOUT
High impedance
H
L
Upper byte read
High impedance
DOUT
×
LLL
Word write
DIN
DIN
L
H
Lower byte write
DIN
High impedance
H
L
Upper byte write
High impedance
DIN
Remark
× : VIH or VIL


Similar Part No. - UPD442012AGY-BC70X-MJH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD442012AGY-BC70X-MJH RENESAS-UPD442012AGY-BC70X-MJH Datasheet
757Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
UPD442012AGY-BC70X-MJH-A RENESAS-UPD442012AGY-BC70X-MJH-A Datasheet
757Kb / 26P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD442012AGY-BC70X-MJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD441000L-X NEC-UPD441000L-X Datasheet
168Kb / 8P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD46128512-X NEC-UPD46128512-X Datasheet
817Kb / 82P
   128M-BIT CMOS MOBILE SPECIFIED RAM 8M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com