Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD444001LE-12 Datasheet(PDF) 4 Page - NEC

Part # UPD444001LE-12
Description  4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444001LE-12 Datasheet(HTML) 4 Page - NEC

  UPD444001LE-12 Datasheet HTML 1Page - NEC UPD444001LE-12 Datasheet HTML 2Page - NEC UPD444001LE-12 Datasheet HTML 3Page - NEC UPD444001LE-12 Datasheet HTML 4Page - NEC UPD444001LE-12 Datasheet HTML 5Page - NEC UPD444001LE-12 Datasheet HTML 6Page - NEC UPD444001LE-12 Datasheet HTML 7Page - NEC UPD444001LE-12 Datasheet HTML 8Page - NEC UPD444001LE-12 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
µµµµPD444001
Data Sheet M14947EJ4V0DS
Electrical Specifications
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
–0.5
Note to +7.0
V
Input / Output voltage
VT
–0.5
Note to VCC+0.5
V
Operating ambient temperature
TA
0 to 70
°C
Storage temperature
Tstg
–55 to +125
°C
Note –2.0 V (MIN.) (pulse width : 2 ns)
Caution
Exposing the device to stress above those listed in Absolute Maximum Rating could cause
permanent damage. The device is not meant to be operated under conditions outside the limits
described in the operational section of this specification. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
High level input voltage
VIH
2.2
VCC + 0.5
V
Low level input voltage
VIL
–0.5
Note
+0.8
V
Operating ambient temperature
TA
070
°C
Note –2.0 V (MIN.) (pulse width : 2 ns)


Similar Part No. - UPD444001LE-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444001LE-12 RENESAS-UPD444001LE-12 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
UPD444001LE-12-A RENESAS-UPD444001LE-12-A Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD444001LE-12

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444004 NEC-UPD444004 Datasheet
116Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com