Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD444004LE-12 Datasheet(PDF) 5 Page - NEC

Part # UPD444004LE-12
Description  4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444004LE-12 Datasheet(HTML) 5 Page - NEC

  UPD444004LE-12 Datasheet HTML 1Page - NEC UPD444004LE-12 Datasheet HTML 2Page - NEC UPD444004LE-12 Datasheet HTML 3Page - NEC UPD444004LE-12 Datasheet HTML 4Page - NEC UPD444004LE-12 Datasheet HTML 5Page - NEC UPD444004LE-12 Datasheet HTML 6Page - NEC UPD444004LE-12 Datasheet HTML 7Page - NEC UPD444004LE-12 Datasheet HTML 8Page - NEC UPD444004LE-12 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
µµµµPD444004
Data Sheet M14426EJ4V0DS
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input leakage current
ILI
VIN = 0 V to VCC
–2
+2
µA
Output leakage current
ILO
VI/O = 0 V to VCC,–2
+2
µA
/CS = VIH or /OE = VIH or /WE = VIL
Operating supply current
ICC
/CS = VIL,
Cycle time : 8 ns
190
mA
II/O = 0 mA,
Cycle time : 10 ns
170
Minimum cycle time
Cycle time : 12 ns
160
Standby supply current
ISB
/CS = VIH, VIN = VIH or VIL
40
mA
ISB1
/CS
≥ VCC – 0.2 V,
10
VIN
≤ 0.2 V or VIN ≥ VCC – 0.2 V
High level output voltage
VOH
IOH = –4.0 mA
2.4
V
Low level output voltage
VOL
IOL = +8.0 mA
0.4
V
Remark
VIN : Input voltage
VI/O : Input / Output voltage
Capacitance (TA = 25
°°°°C, f = 1 MHz)
Parameter
Symbol
Test condition
MIN.
TYP.
MAX.
Unit
Input capacitance
CIN
VIN = 0 V
6
pF
Input / Output capacitance
CI/O
VI/O = 0 V
8
pF
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These parameters are periodically sampled and not 100% tested.


Similar Part No. - UPD444004LE-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444004LE-12 RENESAS-UPD444004LE-12 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
UPD444004LE-12-A RENESAS-UPD444004LE-12-A Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD444004LE-12

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416016 NEC-UPD4416016 Datasheet
92Kb / 12P
   16M-BIT CMOS FAST SRAM 1M-WORD BY 16-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com