Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD120N18TA-E2-AZ Datasheet(PDF) 5 Page - NEC

Part # UPD120N18TA-E2-AZ
Description  THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD120N18TA-E2-AZ Datasheet(HTML) 5 Page - NEC

  UPD120N18TA-E2-AZ Datasheet HTML 1Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 2Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 3Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 4Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 5Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 6Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 7Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 8Page - NEC UPD120N18TA-E2-AZ Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
S17145EJ2V0DS
5
µPD120Nxx Series
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Type Number
MIN.
TYP.
MAX.
Unit
µ PD120N15
3.0
5.5
V
µ PD120N18
3.2
5.5
V
µ PD120N25
4.5
5.5
V
Input Voltage
VIN
µ PD120N33
4.5
5.5
V
Output Current
IO
All
0
0.3
A
Operating Ambient Temperature
TA
All
− 40
+ 85
°C
Operating Junction Temperature TJ
All
− 40
+ 125
°C
Caution Use of conditions other than the above-listed recommended operating conditions is not a problem
as long as the absolute maximum ratings are not exceeded. However, since the use of such
conditions diminishes the margin of safety, careful evaluation is required before such conditions are
used. Moreover, using the MAX. value for all the recommended operating conditions is not
guaranteed to be safe.
ELECTRICAL CHARACTERISTICS
µ PD120N15 (TJ = 25°C, VIN = 5.0 V, IO = 0.15 A, CIN = 0.1 µF, COUT = 10 µF, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
1.47
1.5
1.53
V
Output Voltage
VO2
3.0 V
≤ VIN ≤ 5.5 V, 0 A ≤ IO ≤ 0.3 A
1.455
1.545
V
Line Regulation
REGIN
3.0 V
≤ VIN ≤ 5.5 V
1
30
mV
Load Regulation
REGL
0 A
≤ IO ≤ 0.3 A
2
30
mV
Quiescent Current
IBIAS
IO = 0 A
60
120
µA
Quiescent Current Change
IBIAS
3.0 V
≤ VIN ≤ 5.5 V
25
µA
Output Noise Voltage
Vn
10 kHz
≤ f ≤ 100 kHz
100
µ Vr.m.s.
Ripple Rejection
R•R
f = 1 kHz, 3.0 V
≤ VIN ≤ 5.5 V
63
dB
IO = 0.15 A
0.6
0.9
V
Dropout Voltage
VDIF
IO = 0.3 A
1.0
V
Short Circuit Current
IOshort
VIN = 5 V
0.2
A
Peak Output Current
IOpeak
VIN = 5 V
0.3
A
Temperature Coefficient of
Output Voltage
VO/T
IO = 0 A, 0
°C ≤ TJ ≤ 125°C
0.01
mV/
°C
µ PD120N18 (TJ = 25°C, VIN = 5.0 V, IO = 0.15 A, CIN = 0.1 µF, COUT = 10 µF, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VO1
1.764
1.8
1.836
V
Output Voltage
VO2
3.2 V
≤ VIN ≤ 5.5 V, 0 A ≤ IO ≤ 0.3 A
1.746
1.854
V
Line Regulation
REGIN
3.2 V
≤ VIN ≤ 5.5 V
1
30
mV
Load Regulation
REGL
0 A
≤ IO ≤ 0.3 A
2
30
mV
Quiescent Current
IBIAS
IO = 0 A
60
120
µA
Quiescent Current Change
IBIAS
3.2 V
≤ VIN ≤ 5.5 V
25
µA
Output Noise Voltage
Vn
10 kHz
≤ f ≤ 100 kHz
120
µ Vr.m.s.
Ripple Rejection
R•R
f = 1 kHz, 3.2 V
≤ VIN ≤ 5.5 V
63
dB
Dropout Voltage
VDIF
IO = 0.15 A
0.4
0.65
V
Short Circuit Current
IOshort
VIN = 5 V
0.2
A
Peak Output Current
IOpeak
VIN = 5 V
0.3
A
Temperature Coefficient of
Output Voltage
VO/T
IO = 0 A, 0
°C ≤ TJ ≤ 125°C
0.01
mV/
°C


Similar Part No. - UPD120N18TA-E2-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120N18TA RENESAS-UPD120N18TA Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
More results

Similar Description - UPD120N18TA-E2-AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD120NXX RENESAS-UPD120NXX Datasheet
323Kb / 15P
   THREE-TERMINAL LOW-DROPOUT POSITIVE-VOLTAGE REGULATOR (OUTPUT CURRENT: 0.3 A)
Apr 15, 2011
logo
Micro Commercial Compon...
MC78L08F MCC-MC78L08F Datasheet
894Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_10 Datasheet
207Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08F MCC-MC78L08F_09 Datasheet
159Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL78L12 ANPEC-APL78L12 Datasheet
144Kb / 14P
   Three-Terminal Low Current Positive Voltage Regulator
logo
Micro Commercial Compon...
MC79L05F MCC-MC79L05F Datasheet
82Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC79L06BP MCC-MC79L06BP_11 Datasheet
219Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_11 Datasheet
261Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L08BP MCC-MC78L08BP_11 Datasheet
268Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
MC78L06BP MCC-MC78L06BP_13 Datasheet
302Kb / 2P
   Three-Terminal Low Current Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com