Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L8115 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # L8115
Description  FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8115 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button L8115 Datasheet HTML 5Page - Unisonic Technologies L8115 Datasheet HTML 6Page - Unisonic Technologies L8115 Datasheet HTML 7Page - Unisonic Technologies L8115 Datasheet HTML 8Page - Unisonic Technologies L8115 Datasheet HTML 9Page - Unisonic Technologies L8115 Datasheet HTML 10Page - Unisonic Technologies L8115 Datasheet HTML 11Page - Unisonic Technologies L8115 Datasheet HTML 12Page - Unisonic Technologies L8115 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UTC L8115
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 10
QW-R123-005,B
* Stripline Elements
* C1
* L2
* C3
C4
10nF
Q1
*L1
C2
10nF
CNB
47nF
CSUB
47nF
R1
33k
4.7nF
LNB Downfeed
R2
2k
Rcal
Fin
Lov
Csub
HB
LB
G1
D1
CF1
G2
D2
D3
Gnd
Cnb1
Vpol
Vcc
UTC L8115
SSOP20(150mil)
Vcc
G3
Cnb2
N/C
NC
NC
SSOP20(150mil) Applications circuit
1
The following block diagram shows the main section of an LNB designed for use with the Astra series of
satellites. The UTC L8115 is the core bias and control element of this circuit. The UTC provides the negative rail,
FET bias control, polarisation switch control, tone detection and band switching with the minimum of external
components. Compared to other discrete component solutions the UTC circuit reduces component count and
overall size required.
Single Universal LNB Block Diagram
UTC L8115
Regulator
Vertical
Antenna
Gain Stage
GaAs/HEMTFET
2
Polarity Switch &Tone Detect Input
Gain Stage
GaAs/HEMTFET
3
Mixer
Gain Stage
ASTRA
Universal Band
10.70GHz-12.75 GHz
Horizontal
Antenna
1
Gain Stage
GaAs/HEMTFET
Band
Switch
Output
Local Osc 1
9.75 GHz - Low Band
Local Osc 2
10.6GHz - High Band
IF down feed
950-2050 MHz - Low Band
1100 - 2150 MHz - High Band
+
Tone detection and band switching is provided on the UTC L8115 devices. The following diagrams describes
how this feature operates in an LNB and the external components required. The presence or absence of a 22kHz
tone applied to pin FIN enables one of two outputs, LB and HB. A tone present enables HB and tone absent enables


Similar Part No. - L8115

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
L811F NJSEMI-L811F Datasheet
389Kb / 1P
   OPTO ELECTRONICS DETECTORS-PROGRAMMABLE UNIJUNCTION TRANSISTORS
L811G NJSEMI-L811G Datasheet
389Kb / 1P
   OPTO ELECTRONICS DETECTORS-PROGRAMMABLE UNIJUNCTION TRANSISTORS
logo
Superworld Electronics
L811HW SUPERWORLD-L811HW Datasheet
581Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L811HW-100MF SUPERWORLD-L811HW-100MF Datasheet
581Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
L811HW-100MF-11 SUPERWORLD-L811HW-100MF-11 Datasheet
586Kb / 10P
   HIGH CURRENT MOLDED POWER INDUCTORS
More results

Similar Description - L8115

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
logo
Aimtron Technology
AT1512 AIMTRON-AT1512 Datasheet
351Kb / 11P
   FET BIAS CONTROLLER AND TONE DETECTION
AT1511 AIMTRON-AT1511 Datasheet
276Kb / 9P
   FET BIAS CONTROLLER AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3113 DIODES-ZNBG3113 Datasheet
698Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com