Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD444016LG5-A10Y-7JF Datasheet(PDF) 2 Page - NEC

Part # UPD444016LG5-A10Y-7JF
Description  4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444016LG5-A10Y-7JF Datasheet(HTML) 2 Page - NEC

  UPD444016LG5-A10Y-7JF Datasheet HTML 1Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 2Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 3Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 4Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 5Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 6Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 7Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 8Page - NEC UPD444016LG5-A10Y-7JF Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
µµµµPD444016L-Y
Preliminary Data Sheet M15392EJ1V0DS
Pin Configuration (Marking Side)
/
××× indicates active low signal.
44-PIN PLASTIC TSOP (II) (10.16 mm (400)) (Normal bent)
[
µµµµPD444016LG5-A××
××
××
××Y-7JF ]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A0
A1
A2
A3
A4
/CS
I/O1
I/O2
I/O3
I/O4
VCC
GND
I/O5
I/O6
I/O7
I/O8
/WE
A5
A6
A7
A8
A9
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A17
A16
A15
/OE
/UB
/LB
I/O16
I/O15
I/O14
I/O13
GND
VCC
I/O12
I/O11
I/O10
I/O9
NC
A14
A13
A12
A11
A10
A0 - A17
: Address Inputs
I/O1 - I/O16 : Data Inputs / Outputs
/CS
: Chip Select
/WE
: Write Enable
/OE
: Output Enable
/LB, /UB
: Byte data select
VCC
: Power supply
GND
: Ground
NC
: No connection
Remark Refer to Package Drawing for the 1-pin index mark.


Similar Part No. - UPD444016LG5-A10Y-7JF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444016LG5-A10Y-7JF RENESAS-UPD444016LG5-A10Y-7JF Datasheet
528Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
UPD444016LG5-A10Y-7JF-A RENESAS-UPD444016LG5-A10Y-7JF-A Datasheet
528Kb / 18P
   MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD444016LG5-A10Y-7JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016 NEC-UPD444016 Datasheet
101Kb / 6P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD4664312-X NEC-UPD4664312-X Datasheet
299Kb / 36P
   64M-BIT CMOS MOBILE SPECIFIED RAM 4M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com