Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD444016G5-12-7JF Datasheet(PDF) 3 Page - NEC

Part # UPD444016G5-12-7JF
Description  4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444016G5-12-7JF Datasheet(HTML) 3 Page - NEC

  UPD444016G5-12-7JF Datasheet HTML 1Page - NEC UPD444016G5-12-7JF Datasheet HTML 2Page - NEC UPD444016G5-12-7JF Datasheet HTML 3Page - NEC UPD444016G5-12-7JF Datasheet HTML 4Page - NEC UPD444016G5-12-7JF Datasheet HTML 5Page - NEC UPD444016G5-12-7JF Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
µµµµPD444016
Data Sheet M14430EJ4V0DS
Block Diagram
GND
VCC
/WE
/OE
/CS
Input data
controller
Sense amplifier /
Switching circuit
Column decoder
Address buffer
A0
|
A17
Memory cell array
4,194,304 bits
Output data
controller
/LB
/UB
I/O9 - I/O16
I/O1 - I/O8
Truth Table
/CS
/OE
/WE
/LB
/UB
Mode
I/O
Supply current
I/O1 - I/O8
I/O9 - I/O16
H
×
×××
Not selected
High impedance
High impedance
ISB
L
L
H
L
L
Read
DOUT
DOUT
ICC
LH
DOUT
High impedance
H
L
High impedance
DOUT
L
×
LLL
Write
DIN
DIN
LH
DIN
High impedance
H
L
High impedance
DIN
LH
H
××
Output disable
High impedance
High impedance
L
××
H
H
High impedance
High impedance
Remark
× : Don’t care


Similar Part No. - UPD444016G5-12-7JF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444016G5-12-7JF RENESAS-UPD444016G5-12-7JF Datasheet
609Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
UPD444016G5-12-7JF-A RENESAS-UPD444016G5-12-7JF-A Datasheet
609Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD444016G5-12-7JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444004 NEC-UPD444004 Datasheet
116Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com