Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD444016G5-12-7JF Datasheet(PDF) 1 Page - NEC

Part # UPD444016G5-12-7JF
Description  4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD444016G5-12-7JF Datasheet(HTML) 1 Page - NEC

  UPD444016G5-12-7JF Datasheet HTML 1Page - NEC UPD444016G5-12-7JF Datasheet HTML 2Page - NEC UPD444016G5-12-7JF Datasheet HTML 3Page - NEC UPD444016G5-12-7JF Datasheet HTML 4Page - NEC UPD444016G5-12-7JF Datasheet HTML 5Page - NEC UPD444016G5-12-7JF Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS INTEGRATED CIRCUIT
µµµµPD444016
4M-BIT CMOS FAST SRAM
256K-WORD BY 16-BIT
DATA SHEET
Document No. M14430EJ4V0DS00 (4th edition)
Date Published January 2001 NS CP(K)
Printed in Japan
The mark
• shows major revised points.
Description
The
µPD444016 is a high speed, low power, 4,194,304 bits (262,144 words by 16 bits) CMOS static RAM.
Operating supply voltage is 5.0 V
± 0.5 V.
The
µPD444016 is packaged in 44-pin plastic SOJ and 44-pin plastic TSOP (II).
Features
• 262,144 words by 16 bits organization
• Fast access time : 8, 10, 12 ns (MAX.)
• Byte data control : /LB (I/O1 - I/O8), /UB (I/O9 - I/O16)
• Output Enable input for easy application
• Single +5.0 V power supply
Ordering Information
Part number
Package
Access time
Supply current mA (MAX.)
ns (MAX.)
At operating
At standby
µPD444016LE-8
44-pin plastic SOJ
8
220
10
µPD444016LE-10
(10.16 mm (400))
10
200
µPD444016LE-12
12
190
µPD444016G5-8-7JF
44-pin plastic TSOP (II)
8
220
µPD444016G5-10-7JF
(10.16 mm (400))
10
200
µPD444016G5-12-7JF
(Normal bent)
12
190


Similar Part No. - UPD444016G5-12-7JF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD444016G5-12-7JF RENESAS-UPD444016G5-12-7JF Datasheet
609Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
UPD444016G5-12-7JF-A RENESAS-UPD444016G5-12-7JF-A Datasheet
609Kb / 22P
   MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD444016G5-12-7JF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD434016A NEC-UPD434016A Datasheet
448Kb / 14P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016L NEC-UPD444016L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT
UPD444016-Y NEC-UPD444016-Y Datasheet
86Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444016L-Y NEC-UPD444016L-Y Datasheet
87Kb / 16P
   4M-BIT CMOS FAST SRAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
UPD444004L NEC-UPD444004L Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444004 NEC-UPD444004 Datasheet
116Kb / 16P
   4M-BIT CMOS FAST SRAM 1M-WORD BY 4-BIT
UPD444008L NEC-UPD444008L Datasheet
102Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD444008 NEC-UPD444008 Datasheet
100Kb / 16P
   4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com