Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD485505G-25 Datasheet(PDF) 5 Page - NEC

Part # UPD485505G-25
Description  LINE BUFFER 5K-WORD BY 8-BIT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD485505G-25 Datasheet(HTML) 5 Page - NEC

  UPD485505G-25 Datasheet HTML 1Page - NEC UPD485505G-25 Datasheet HTML 2Page - NEC UPD485505G-25 Datasheet HTML 3Page - NEC UPD485505G-25 Datasheet HTML 4Page - NEC UPD485505G-25 Datasheet HTML 5Page - NEC UPD485505G-25 Datasheet HTML 6Page - NEC UPD485505G-25 Datasheet HTML 7Page - NEC UPD485505G-25 Datasheet HTML 8Page - NEC UPD485505G-25 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
µPD485505
5
Data Sheet M10059EJ7V0DS00
2. Operation Mode
µPD485505 is a synchronous memory. All signals are strobed at the rising edge of the clock (RCK, WCK).
For this reason, setup time and hold time are specified for the rising edge of the clock (RCK, WCK).
2.1 Write Cycle
When the WE input is enabled (“L” level), a write cycle is executed in synchronization with the WCK clock
input.
The data inputs are strobed by the rising edge of the clock at the end of a cycle so that read data after a one-
line (5,048 bits) delay and write data can be processed with the same clock. Refer to Write Cycle Timing Chart.
When WE is disabled (“H” level) in a write cycle, the write operation is not performed during the cycle which
the WCK rising edge is in the WE = “H” level (tWEW). The WCK does not increment the write address pointer
at this time.
Unless inhibited by WE, the internal write address will automatically wrap around from 5,047 to 0 and begin
incrementing again.
2.2 Read Cycle
When the RE input is enabled (“L” level), a read cycle is executed in synchronization with the RCK clock input
and data is output after tAC. Refer to Read Cycle Timing Chart.
When RE is disabled (“H” level) in a read cycle, the read operation is not performed during the cycle which
the RCK rising edge is in the RE = “H” level (tREW). The RCK does not increment the read address pointer at
this time.
2.3 Write Reset Cycle/Read Reset Cycle
After power up, the
µPD485505 requires the initialization of internal circuits because the read and write
address pointers are not defined at that time.
It is necessary to satisfy setup requirements and hold times as measured from the rising edge of WCK and
RCK, and then input the RSTW and RSTR signals to initialize the circuit.
Write and read reset cycles can be executed at any time and the address pointer returns zero. Refer to Write
Reset Cycle Timing Chart, Read Reset Cycle Timing Chart.
Remark
Write and read reset cycles can be executed at any time and do not depend on the state of RE or WE.


Similar Part No. - UPD485505G-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD485505G-25 RENESAS-UPD485505G-25 Datasheet
662Kb / 26P
   MOS INTEGRATED CIRCUIT
1996
UPD485505G-25-A RENESAS-UPD485505G-25-A Datasheet
662Kb / 26P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD485505G-25

ManufacturerPart #DatasheetDescription
logo
NEC
UPD485506 NEC-UPD485506 Datasheet
233Kb / 24P
   LINE BUFFER 5K-WORD BY 16-BIT/10K-WORD BY 8-BIT
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
   131,072 WORD BY 8 BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com