Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD485506 Datasheet(PDF) 11 Page - NEC

Part # UPD485506
Description  LINE BUFFER 5K-WORD BY 16-BIT/10K-WORD BY 8-BIT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD485506 Datasheet(HTML) 11 Page - NEC

Back Button UPD485506 Datasheet HTML 7Page - NEC UPD485506 Datasheet HTML 8Page - NEC UPD485506 Datasheet HTML 9Page - NEC UPD485506 Datasheet HTML 10Page - NEC UPD485506 Datasheet HTML 11Page - NEC UPD485506 Datasheet HTML 12Page - NEC UPD485506 Datasheet HTML 13Page - NEC UPD485506 Datasheet HTML 14Page - NEC UPD485506 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
µPD485506
11
Data Sheet M10060EJ7V0DS00
Write Cycle Timing Chart
Remark
RSTW = “H” level
Read Cycle Timing Chart (RE Control)
Cycle n
Cycle n+1
Cycle n+2
Disable Cycle
Cycle n+3
tWCW
tWEN1
tWES
tWEW
tWEH
tWEN2
tWCP
tWCK
tDS
tDH
(n+1)
(n)
tDS
tDH
(n+2)
(n+3)
WCK (Input)
WE (Input)
DIN (Input)
Remark
OE = “L” level, RSTR = “H” level
Read Cycle Timing Chart (OE Control)
Cycle n
Cycle n+1
Cycle n+2
Disable Cycle
Cycle n+3
tRCW
tREN1
tRES
tREW
tREH
tREN2
tRCP
tRCK
(n+1)
tOH
(n+2)
(n+3)
tOH
tAC
RCK (Input)
RE (Input)
DOUT (Output)
(n)
tOH
tAC
Remark
RE = “L” level, RSTR = “H” level
Cycle n
Cycle n+1
Cycle n+2
Disable Cycle
Cycle m
tRCW
tOEN1
tOES
tOEW
tOEH
tOEN2
tRCP
tRCK
(n+1)
(n)
tAC
tOH
(n+2)
(m)
tHZ
tLZ
tAC
tLZ
High impedance
RCK (Input)
OE (Input)
DOUT (Output)
High impedance


Similar Part No. - UPD485506

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD485506 RENESAS-UPD485506 Datasheet
767Kb / 30P
   MOS INTEGRATED CIRCUIT
1994
UPD485506G5-25-7JF RENESAS-UPD485506G5-25-7JF Datasheet
767Kb / 30P
   MOS INTEGRATED CIRCUIT
1994
UPD485506G5-25-7JF-A RENESAS-UPD485506G5-25-7JF-A Datasheet
767Kb / 30P
   MOS INTEGRATED CIRCUIT
1994
UPD485506G5-35-7JF RENESAS-UPD485506G5-35-7JF Datasheet
767Kb / 30P
   MOS INTEGRATED CIRCUIT
1994
UPD485506G5-35-7JF-A RENESAS-UPD485506G5-35-7JF-A Datasheet
767Kb / 30P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD485506

ManufacturerPart #DatasheetDescription
logo
NEC
UPD485505 NEC-UPD485505 Datasheet
174Kb / 20P
   LINE BUFFER 5K-WORD BY 8-BIT
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S8BKT RENESAS-M6MGB331S8BKT Datasheet
128Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
M6MGB331S4BKT RENESAS-M6MGB331S4BKT Datasheet
171Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT/4,194,304-WORD BY 8-BIT) CMOS 3.3V-ONLY FLASH MEMORY & 4,194,304-BIT (262,144-WORD BY 16-BIT/524,288-WORD B
M5M29KE131BTP RENESAS-M5M29KE131BTP Datasheet
336Kb / 33P
   134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY
M5M5W817KT-70HI RENESAS-M5M5W817KT-70HI Datasheet
149Kb / 11P
   8388608-BIT (524288-WORD BY 16-BIT / 10485776-WORD BY 8-BIT) CMOS STATIC RAM
logo
Toshiba Semiconductor
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
logo
NEC
UPD23C32300 NEC-UPD23C32300 Datasheet
241Kb / 16P
   32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com