Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720113 Datasheet(PDF) 11 Page - NEC

Part # UPD720113
Description  USB 2.0 HUB CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD720113 Datasheet(HTML) 11 Page - NEC

Back Button UPD720113 Datasheet HTML 7Page - NEC UPD720113 Datasheet HTML 8Page - NEC UPD720113 Datasheet HTML 9Page - NEC UPD720113 Datasheet HTML 10Page - NEC UPD720113 Datasheet HTML 11Page - NEC UPD720113 Datasheet HTML 12Page - NEC UPD720113 Datasheet HTML 13Page - NEC UPD720113 Datasheet HTML 14Page - NEC UPD720113 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet S16618EJ3V0DS
11
µPD720113
DC Characteristics
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Off-state output leakage current
IOZ
VO = VDD33, VDD25 or VSS
±10
µA
Output short circuit current
IOS
Note
−250
mA
Low-level output current
IOL
3.3 V low-level output current
VOL = 0.4 V
3
mA
3.3 V low-level output current
VOL = 0.4 V
6
mA
5.0 V low-level output current
VOL = 0.4 V
12
mA
High-level output current
IOH
3.3 V high-level output current
VOH = 2.4 V
−3
mA
3.3 V high-level output current
VOH = 2.4 V
−6
mA
5.0 V high-level output current
VOH = 2.4 V
−2
mA
Input leakage current
II
3.3 V buffer
VI = VDD or VSS
±10
µA
5.0 V buffer
VI = VDD or VSS
±10
µA
Note The output short circuit time is measured at one second or less and is tested with only one pin on the LSI.


Similar Part No. - UPD720113

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD720113 RENESAS-UPD720113 Datasheet
644Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
UPD720113GK-9EU RENESAS-UPD720113GK-9EU Datasheet
644Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
UPD720113GK-9EU-A RENESAS-UPD720113GK-9EU-A Datasheet
644Kb / 34P
   MOS INTEGRATED CIRCUIT
2003
More results

Similar Description - UPD720113

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
   USB 2.0 MTT HUB Controller
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
   2-Port USB 2.0 Hub Controller
06/23/16
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
   2-Port USB 2.0 Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com