Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD441000LGZ-C12X-KJH Datasheet(PDF) 8 Page - NEC

Part # UPD441000LGZ-C12X-KJH
Description  1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD441000LGZ-C12X-KJH Datasheet(HTML) 8 Page - NEC

  UPD441000LGZ-C12X-KJH Datasheet HTML 1Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 2Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 3Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 4Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 5Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 6Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 7Page - NEC UPD441000LGZ-C12X-KJH Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data Sheet M13714EJ5V0DS
8
µµµµPD441000L-X
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
µPD441000L-BxxX µPD441000L-CxxX µPD441000L-DxxX Unit
MIN. TYP. MAX. MIN. TYP. MAX. MIN. TYP. MAX.
Input leakage
ILI
VIN = 0 V to VCC
–1.0
+1.0
–1.0
+1.0
–1.0
+1.0
µA
current
I/O leakage
ILO
VI/O = 0 V to VCC, /CE1 = VIH or
–1.0
+1.0
–1.0
+1.0
–1.0
+1.0
µA
current
CE2 = VIL or /WE = VIL or /OE = VIH
Operating
ICCA1
/CE1 = VIL, CE2 = VIH,
2325
2325
23
25
mA
supply current
Minimum cycle time,
VCC
≤ 2.7 V
20
23
20
23
II/O = 0 mA
VCC
≤ 2.2 V
17
20
ICCA2
/CE1 = VIL, CE2 = VIH,5
5
5
II/O = 0 mA
VCC
≤ 2.7 V
4
4
VCC
≤ 2.2 V
3
ICCA3
/CE1
≤ 0.2 V, CE2 ≥ VCC – 0.2 V,
4
4
4
Cycle = 1 MHz, II/O = 0 mA,
VIL
≤ 0.2 V,
VCC
≤ 2.7 V
3
3
VIH
≥ VCC – 0.2 V
VCC
≤ 2.2 V
3
Standby
ISB
/CE1 = VIH or CE2 = VIL
0.3
0.3
0.3
mA
supply current
ISB1
/CE1
≥ VCC – 0.2 V,
0.05
2
0.05
2
0.05
2
µA
CE2
≥ VCC – 0.2 V
VCC
≤ 2.7 V
0.04
2
0.04
2
VCC
≤ 2.2 V
0.03
1.5
ISB2
CE2
≤ 0.2 V
0.05
2
0.05
2
0.05
2
VCC
≤ 2.7 V
0.04
2
0.04
2
VCC
≤ 2.2 V
0.03
1.5
High level
VOH
IOH = –0.5 mA
2.4
2.4
2.4
V
output voltage
VCC
≤ 2.7 V
1.8
1.8
VCC
≤ 2.2 V
1.5
Low level
VOL
IOL = 1.0 mA
0.4
0.4
0.4
V
output voltage
Remarks 1. VIN : Input voltage
VI/O : Input / Output voltage
2. These DC characteristics are in common regardless of package types and access time.


Similar Part No. - UPD441000LGZ-C12X-KJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A15-9JF NEC-UPD4416001G5-A15-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416001G5-A17-9JF NEC-UPD4416001G5-A17-9JF Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD4416004 NEC-UPD4416004 Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
UPD4416004G5-A15-9JF NEC-UPD4416004G5-A15-9JF Datasheet
81Kb / 12P
   16M-BIT CMOS FAST SRAM 4M-WORD BY 4-BIT
More results

Similar Description - UPD441000LGZ-C12X-KJH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD431000A-X NEC-UPD431000A-X Datasheet
211Kb / 28P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD431000A NEC-UPD431000A Datasheet
227Kb / 32P
   1M-BIT CMOS STATIC RAM 128K-WORD BY 8-BIT
UPD442012A-X NEC-UPD442012A-X Datasheet
148Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442002-X NEC-UPD442002-X Datasheet
281Kb / 24P
   2M-BIT CMOS STATIC RAM 128K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD442000A-X NEC-UPD442000A-X Datasheet
157Kb / 28P
   2M-BIT CMOS STATIC RAM 256K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X Datasheet
127Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD43256B-X NEC-UPD43256B-X_06 Datasheet
172Kb / 20P
   256K-BIT CMOS STATIC RAM 32K-WORD BY 8-BIT EXTENDED TEMPERATURE OPERATION
UPD444012A-X NEC-UPD444012A-X Datasheet
143Kb / 24P
   4M-BIT CMOS STATIC RAM 256K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD448012-X NEC-UPD448012-X Datasheet
147Kb / 24P
   8M-BIT CMOS STATIC RAM 512K-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
UPD4616112-X NEC-UPD4616112-X Datasheet
212Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com