Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD4443362 Datasheet(PDF) 2 Page - NEC

Part # UPD4443362
Description  4M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 128K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4443362 Datasheet(HTML) 2 Page - NEC

  UPD4443362 Datasheet HTML 1Page - NEC UPD4443362 Datasheet HTML 2Page - NEC UPD4443362 Datasheet HTML 3Page - NEC UPD4443362 Datasheet HTML 4Page - NEC UPD4443362 Datasheet HTML 5Page - NEC UPD4443362 Datasheet HTML 6Page - NEC UPD4443362 Datasheet HTML 7Page - NEC UPD4443362 Datasheet HTML 8Page - NEC UPD4443362 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet M14439EJ2V0DS
2
µµµµPD4443362
Pin Configuration (Marking Side)
/xxx indicates active low signal.
100-PIN PLASTIC LQFP (14 x 20)
[
µµµµPD4443362GF ]
DQc9
DQc8
DQc7
VDDQ
VSSQ
DQc6
DQc5
DQc4
DQc3
VSSQ
VDDQ
DQc2
DQc1
NC
VDD
NC
VSS
DQd1
DQd2
VDDQ
VSSQ
DQd3
DQd4
DQd5
DQd6
VSSQ
VDDQ
DQd7
DQd8
DQd9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
DQb9
DQb8
DQb7
VDDQ
VSSQ
DQb6
DQb5
DQb4
DQb3
VSSQ
VDDQ
DQb2
DQb1
VSS
NC
VDD
ZZ
DQa1
DQa2
VDDQ
VSSQ
DQa3
DQa4
DQa5
DQa6
VSSQ
VDDQ
DQa7
DQa8
DQa9
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Remark Refer to Package Drawing for 1-pin index mark.


Similar Part No. - UPD4443362

ManufacturerPart #DatasheetDescription
logo
NEC
UPD444001 NEC-UPD444001 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
logo
Renesas Technology Corp
UPD444001 RENESAS-UPD444001 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
logo
NEC
UPD444001LE-10 NEC-UPD444001LE-10 Datasheet
144Kb / 16P
   4M-BIT CMOS FAST SRAM 4M-WORD BY 1-BIT
logo
Renesas Technology Corp
UPD444001LE-10 RENESAS-UPD444001LE-10 Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
UPD444001LE-10-A RENESAS-UPD444001LE-10-A Datasheet
519Kb / 18P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - UPD4443362

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4483362 NEC-UPD4483362 Datasheet
94Kb / 16P
   8M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 256K-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
UPD44323362 NEC-UPD44323362 Datasheet
252Kb / 28P
   32M-BIT CMOS SYNCHRONOUS FAST STATIC RAM 1M-WORD BY 36-BIT HSTL INTERFACE / REGISTER-REGISTER / LATE WRITE
logo
Renesas Technology Corp
HM64YLB36514 RENESAS-HM64YLB36514 Datasheet
205Kb / 22P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36514 RENESAS-HM64YLB36514_15 Datasheet
218Kb / 24P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit, Register-Latch Mode)
HM64YLB36512 RENESAS-HM64YLB36512 Datasheet
360Kb / 31P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YGB36100 RENESAS-HM64YGB36100_15 Datasheet
232Kb / 23P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
HM64YLB36512 RENESAS-HM64YLB36512_15 Datasheet
395Kb / 33P
   16M Synchronous Late Write Fast Static RAM (512-kword 횞 36-bit)
HM64YGB36100BP-33 RENESAS-HM64YGB36100BP-33 Datasheet
209Kb / 21P
   32M Synchronous Late Write Fast Static RAM (1-Mword 횞 36-bit)
logo
Motorola, Inc
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com